Electronic Components Datasheet Search
  English  ▼

X  

LM20123 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM20123
Description  LM20123/LM20123Q 3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20123 Datasheet(HTML) 4 Page - Texas Instruments

  LM20123 Datasheet HTML 1Page - Texas Instruments LM20123 Datasheet HTML 2Page - Texas Instruments LM20123 Datasheet HTML 3Page - Texas Instruments LM20123 Datasheet HTML 4Page - Texas Instruments LM20123 Datasheet HTML 5Page - Texas Instruments LM20123 Datasheet HTML 6Page - Texas Instruments LM20123 Datasheet HTML 7Page - Texas Instruments LM20123 Datasheet HTML 8Page - Texas Instruments LM20123 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LM20123
SNVS524E – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, the following conditions apply: AVIN = PVIN = VIN = 5V. Limits in standard type are for TJ = 25°C
only, limits in bold face type apply over the junction temperature (TJ) range of -40°C to +125°C. Minimum and Maximum limits
are specifed by test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C,
and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VFB
Feedback pin voltage
VIN = 2.95V to 5.5V
0.788
0.8
0.81
V
2
ΔVOUT/ΔIOUT
Load Regulation
IOUT = 100 mA to 3A
0.08
%/A
ICL
Switch Current Limit Threshold
VIN = 3.3V
4.3
4.8
5.3
A
RDS_ON
High-Side Switch On Resistance
ISW = 3.5A
36
55
m
Ω
RDS_ON
Low-Side Switch On Resistance
ISW = 3.5A
32
52
m
Ω
IQ
Operating Quiescent Current
Non-switching, VFB = VCOMP
3.5
6
mA
ISD
Shutdown Quiescent current
VEN = 0V
90
180
µA
VUVLO
VIN Under Voltage Lockout
Rising VIN
2.45
2.7
2.95
V
VUVLO_HYS
VIN Under Voltage Lockout Hysteresis
Falling VIN
45
100
mV
VVCC
VCC Voltage
IVCC = 0 µA
2.45
2.7
2.95
V
ISS
Soft-Start Pin Source Current
VSS/TRK = 0V
2
4.5
7
µA
VTRACK
SS/TRK Accuracy, VSS - VFB
VSS/TRK = 0.4V
-10
3
15
mV
Oscillator
FOSC
Oscillator Frequency
1350
1500
1650
kHz
DCMAX
Maximum Duty Cycle
ILOAD = 0A
85
%
TON_TIME
Minimum On Time
100
ns
TCL_BLANK
Current Sense Blanking Time
After Rising VSW
80
ns
Error Amplifier and Modulator
IFB
Feedback pin bias current
VFB = 0.8V
1
100
nA
ICOMP_SRC
COMP Output Source Current
VFB = VCOMP = 0.6V
80
100
µA
ICOMP_SNK
COMP Output Sink Current
VFB = 1.0V, VCOMP = 0.6V
80
100
µA
gm
Error Amplifier Transconductance
ICOMP = ± 50 µA
450
510
600
µmho
AVOL
Error Amplifier Voltage Gain
2000
V/V
Power Good
VOVP
Over Voltage Protection Rising Threshold
With respect to VFB
105
108
111
%
VOVP_HYS
Over Voltage Protection Hysteresis
2
3
%
VPGTH
PGOOD Rising Threshold
With respect to VFB
92
94
96
%
VPGHYS
PGOOD Falling Hysteresis
2
3
%
TPGOOD
PGOOD deglitch time
16
µs
IOL
PGOOD Low Sink Current
VPGOOD = 0.4V
0.6
1
mA
IOH
PGOOD High Leakage Current
VPGOOD = 5V
5
100
nA
Logic
VIH_EN
EN Pin Turn on Threshold
VEN Rising
1.08
1.18
1.28
V
VEN_HYS
EN Pin Hysteresis
66
mV
Thermal Shutdown
TSD
Thermal Shutdown
160
°C
TSD_HYS
Thermal Shutdown Hysteresis
10
°C
Thermal Resistance
θJA
Junction to Ambient
38
°C/W
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com