Electronic Components Datasheet Search
  English  ▼

X  

LM20123 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM20123
Description  LM20123/LM20123Q 3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20123 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM20123 Datasheet HTML 7Page - Texas Instruments LM20123 Datasheet HTML 8Page - Texas Instruments LM20123 Datasheet HTML 9Page - Texas Instruments LM20123 Datasheet HTML 10Page - Texas Instruments LM20123 Datasheet HTML 11Page - Texas Instruments LM20123 Datasheet HTML 12Page - Texas Instruments LM20123 Datasheet HTML 13Page - Texas Instruments LM20123 Datasheet HTML 14Page - Texas Instruments LM20123 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
IBOUNDARY =
(VIN ± VOUT) x D
2 x L x fSW
LM20123
www.ti.com
SNVS524E – OCTOBER 2007 – REVISED MARCH 2013
PRE-BIAS START UP CAPABILITY
The LM20123 is in a pre-biased state when the device starts up with an output voltage greater than zero. This
often occurs in many multi-rail applications such as when powering an FPGA, ASIC, or DSP. In these
applications the output can be pre-biased through parasitic conduction paths from one supply rail to another.
Even though the LM20123 is a synchronous converter it will not pull the output low when a prebias condition
exists. During startup the LM20123 will not sink current until the Soft-Start voltage exceeds the voltage on the FB
pin. Since the device can not sink current it protects the load from damage that might otherwise occur if current
is conducted through the parasitic paths of the load.
POWER GOOD AND OVER VOLTAGE FAULT HANDLING
The LM20123 has built in under and over voltage comparators that control the power switches. Whenever there
is an excursion in output voltage above the set OVP threshold, the part will terminate the present on-pulse, turn
on the low side FET, and pull the PGOOD pin low. The low side FET will remain on until either the FB voltage
falls back into regulation or the zero cross detection is triggered which in turn tri-states the FETs. If the output
reaches the UVP threshold the part will continue switching and the PGOOD pin will be asserted and go low.
Typical values for the PGOOD resistor are on the order of 100 k
Ω or less. To avoid false tripping during transient
glitches the PGOOD pin has 16 µs of built in deglitch time to both rising and falling edges.
UVLO
The LM20123 has a built-in under-voltage lockout protection circuit that keeps the device from switching until the
input voltage reaches 2.7V (typical). The UVLO threshold has 45 mV of hysteresis that keeps the device from
responding to power-on glitches during start up. If desired, the turn-on point of the supply can be changed by
using the precision enable pin and a resistor divider network connected to VIN as shown in Figure 29 in the
design guide.
THERMAL PROTECTION
Internal thermal shutdown circuitry is provided to protect the integrated circuit in the event that the maximum
junction temperature is exceeded. When activated, typically at 160°C, the LM20123 tri-states the power FETs
and resets soft start. After the junction cools to approximately 150°C, the part starts up using the normal start up
routine. This feature is provided to prevent catastrophic failures from accidental device overheating.
LIGHT LOAD OPERATION
The LM20123 offers increased efficiency when operating at light loads. Whenever the load current is reduced to
a point where the peak to peak inductor ripple current is greater than two times the load current, the part will
enter the diode emulation mode preventing significant negative inductor current. The point at which this occurs is
the critical conduction boundary and can be calculated by the following equation:
(1)
Several diagrams are shown in Figure 24 illustrating continuous conduction mode (CCM), discontinuous
conduction mode, and the boundary condition.
It can be seen that in diode emulation mode, whenever the inductor current reaches zero the SW node will
become high impedance. Ringing will occur on this pin as a result of the LC tank circuit formed by the inductor
and the parasitic capacitance at the node. If this ringing is of concern an additional RC snubber circuit can be
added from the switch node to ground.
At very light loads, usually below 100 mA, several pulses may be skipped in between switching cycles, effectively
reducing the switching frequency and further improving light-load efficiency.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM20123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com