Electronic Components Datasheet Search
  English  ▼

X  

LM20123 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM20123
Description  LM20123/LM20123Q 3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20123 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM20123 Datasheet HTML 14Page - Texas Instruments LM20123 Datasheet HTML 15Page - Texas Instruments LM20123 Datasheet HTML 16Page - Texas Instruments LM20123 Datasheet HTML 17Page - Texas Instruments LM20123 Datasheet HTML 18Page - Texas Instruments LM20123 Datasheet HTML 19Page - Texas Instruments LM20123 Datasheet HTML 20Page - Texas Instruments LM20123 Datasheet HTML 21Page - Texas Instruments LM20123 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
SS/TRK
VOUT1
R1
R2
EN
LM20123
External
Power Supply
VOUT2
RA =
- 1
VTO
VIH_EN
x RB
EN
VOUT1
RA
RB
LM20123
External
Power Supply
VOUT2
LM20123
SNVS524E – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
While the Soft-Start capacitor can be sized to meet many start up requirements, there are limitations to its size.
The Soft-Start time can never be faster than 1 ms due to the internal default 1 ms start up time. When the device
is enabled there is an approximate time interval of 50 µs when the Soft-Start capacitor will be discharged just
prior to the Soft-Start ramp. If the enable pin is rapidly pulsed or the Soft-Start capacitor is large there may not be
enough time for CSS to completely discharge resulting in start up times less than predicted. To aid in discharging
the Soft-Start capacitor during long disable periods an external 1 M
Ω resistor from SS/TRK to ground can be
used without greatly affecting the start-up time.
USING PRECISION ENABLE AND POWER GOOD
The precision enable (EN) and power good (PGOOD) pins of the LM20123 can be used to address many
sequencing requirements. The turn-on of the LM20123 can be controlled with the precision enable pin by using
two external resistors as shown in Figure 29.
Figure 29. Sequencing LM20123 with Precision Enable
The value for resistor RB can be selected by the user to control the current through the divider. Typically this
resistor will be selected to be between 10 k
Ω and 1 MΩ. Once the value for RB is chosen the resistor RA can be
solved using the equation below to set the desired turn-on voltage.
(12)
When designing for a specific turn-on threshold (VTO) the tolerance on the input supply, enable threshold
(VIH_EN), and external resistors needs to be considered to insure proper turn-on of the device.
The LM20123 features an open drain power good (PGOOD) pin to sequence external supplies or loads and to
provide fault detection. This pin requires an external resistor (RPG) to pull PGOOD high while when the output is
within the PGOOD tolerance window. Typical values for this resistor range from 10 k
Ω to 100 kΩ.
TRACKING AN EXTERNAL SUPPLY
By using a properly chosen resistor divider network connected to the SS/TRK pin, as shown in Figure 30, the
output of the LM20123 can be configured to track an external voltage source to obtain a simultaneous or
ratiometric start up.
Figure 30. Tracking an External Supply
Since the Soft-Start charging current ISS is always present on the SS/TRK pin, the size of R2 should be less than
10 k
Ω to minimize the errors in the tracking output. Once a value for R2 is selected the value for R1 can be
calculated using appropriate equation in Figure 31, to give the desired start up. Figure 31 shows two common
start up sequences; the top waveform shows a simultaneous start up while the waveform at the bottom illustrates
a ratiometric start up.
18
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com