Electronic Components Datasheet Search
  English  ▼

X  

LM20123 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM20123
Description  LM20123/LM20123Q 3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20123 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM20123 Datasheet HTML 9Page - Texas Instruments LM20123 Datasheet HTML 10Page - Texas Instruments LM20123 Datasheet HTML 11Page - Texas Instruments LM20123 Datasheet HTML 12Page - Texas Instruments LM20123 Datasheet HTML 13Page - Texas Instruments LM20123 Datasheet HTML 14Page - Texas Instruments LM20123 Datasheet HTML 15Page - Texas Instruments LM20123 Datasheet HTML 16Page - Texas Instruments LM20123 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
VIN
IL AVG = IOUT
'IL
Time
Time
IL
VSW
LMIN =
(VIN - VOUT) x D
'iL x fSW
D =
VOUT
VIN
CIN
PVIN
SW
GND
FB
PGOOD
RFB1
RFB2
COUT
EN
CSS
SS/TRK
AVIN
CF
CC1
COMP
RC1
VIN
LM20123
L
RF
VCC
CVCC
VOUT
PGND
VIN
RPG
VPG
LM20123
www.ti.com
SNVS524E – OCTOBER 2007 – REVISED MARCH 2013
Figure 25. Typical Application Circuit
The first equation to calculate for any buck converter is duty-cycle. Ignoring conduction losses associated with
the FETs and parasitic resistances it can be approximated by:
(2)
INDUCTOR SELECTION (L)
The inductor value is determined based on the operating frequency, load current, ripple current, and duty cycle.
The inductor selected should have a saturation current rating greater than the peak current limit of the device.
Keep in mind the specified current limit does not account for delay of the current limit comparator, therefore the
current limit in the application may be higher than the specified value. To optimize the performance and prevent
the device from entering current limit at maximum load, the inductance is typically selected such that the ripple
current,
ΔiL, is less than 30% of the rated output current. Figure 26, shown below illustrates the switch and
inductor ripple current waveforms. Once the input voltage, output voltage, operating frequency, and desired ripple
current are known, the minimum value for the inductor can be calculated by the formula shown below:
(3)
Figure 26. Switch and Inductor Current Waveforms
If needed, slightly smaller value inductors can be used, however, the peak inductor current, IOUT + ΔiL/2, should
be kept below the peak current limit of the device. In general, the inductor ripple current,
ΔiL, should be greater
than 10% of the rated output current to provide adequate current sense information for the current mode control
loop. If the ripple current in the inductor is too low, the control loop will not have sufficient current sense
information and can be prone to instability.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM20123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com