Electronic Components Datasheet Search
  English  ▼

X  

LM20123 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM20123
Description  LM20123/LM20123Q 3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20123 Datasheet(HTML) 3 Page - Texas Instruments

  LM20123 Datasheet HTML 1Page - Texas Instruments LM20123 Datasheet HTML 2Page - Texas Instruments LM20123 Datasheet HTML 3Page - Texas Instruments LM20123 Datasheet HTML 4Page - Texas Instruments LM20123 Datasheet HTML 5Page - Texas Instruments LM20123 Datasheet HTML 6Page - Texas Instruments LM20123 Datasheet HTML 7Page - Texas Instruments LM20123 Datasheet HTML 8Page - Texas Instruments LM20123 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
LM20123
www.ti.com
SNVS524E – OCTOBER 2007 – REVISED MARCH 2013
ABSOLUTE MAXIMUM RATINGS
(1)
Voltages from the indicated pins to GND
AVIN, PVIN, EN, PGOOD, SS/TRK, COMP, FB, SW
-0.3V to +6V
Storage Temperature
-65°C to 150°C
Junction Temperature
150°C
Power Dissipation(2)
2.6W
Lead Temperature (Soldering, 10 sec)
260°C
Minimum ESD Rating(3)
±2kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not specific performance limits. For specifications and test conditions, see the
Electrical Characteristics.
(2)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ_MAX, the junctions-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using: PD_MAX = (TJ_MAX – TA)/θJA. The maximum power dissipations of 2.6W is determined using TA = 25°C, θJA = 38°C/W, and TJ_MAX
= 125°C.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor to each pin.
OPERATING RATINGS
PVIN, AVIN to GND
2.95V to 5.5V
Junction Temperature
−40°C to + 125°C
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM20123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com