Electronic Components Datasheet Search
  English  ▼

X  

LM20123 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM20123
Description  LM20123/LM20123Q 3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20123 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM20123 Datasheet HTML 15Page - Texas Instruments LM20123 Datasheet HTML 16Page - Texas Instruments LM20123 Datasheet HTML 17Page - Texas Instruments LM20123 Datasheet HTML 18Page - Texas Instruments LM20123 Datasheet HTML 19Page - Texas Instruments LM20123 Datasheet HTML 20Page - Texas Instruments LM20123 Datasheet HTML 21Page - Texas Instruments LM20123 Datasheet HTML 22Page - Texas Instruments LM20123 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
VOUT1
VOUT2
VEN
TIME
TIME
SIMULTANEOUS START UP
RATIOMETRIC START UP
=
1
R
VOUT1
VOUT2
VEN
OUT1
2
OUT
V
x
8
.
0
<
V
(
) x
-1
=
1
R
2
R
V
1
OUT
2
R
x
-1
V
2
OUT
V
8
.
0
¸
¹
·
¨
©
§
¸
¨
LM20123
www.ti.com
SNVS524E – OCTOBER 2007 – REVISED MARCH 2013
Figure 31. Common Start Up Sequences
A simultaneous start up is preferred when powering most FPGAs, DSPs, or other microprocessors. In these
systems the higher voltage, VOUT1, usually powers the I/O, and the lower voltage, VOUT2, powers the core. A
simultaneous start up provides a more robust power up for these applications since it avoids turning on any
parasitic conduction paths that may exist between the core and the I/O pins of the processor.
The second most common power on behavior is known as a ratiometric start up. This start up is preferred in
applications where both supplies need to be at the final value at the same time.
Similar to the Soft-Start function, the fastest start up possible is 1ms regardless of the rise time of the tracking
voltage. When using the track feature the final voltage seen by the SS/TRACK pin should exceed 1V to provide
sufficient overdrive and transient immunity.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM20123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com