Electronic Components Datasheet Search
  English  ▼

X  

LM20123 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM20123
Description  LM20123/LM20123Q 3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20123 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM20123 Datasheet HTML 5Page - Texas Instruments LM20123 Datasheet HTML 6Page - Texas Instruments LM20123 Datasheet HTML 7Page - Texas Instruments LM20123 Datasheet HTML 8Page - Texas Instruments LM20123 Datasheet HTML 9Page - Texas Instruments LM20123 Datasheet HTML 10Page - Texas Instruments LM20123 Datasheet HTML 11Page - Texas Instruments LM20123 Datasheet HTML 12Page - Texas Instruments LM20123 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
4.8A
+
-
COMP
CONTROL
LOGIC
CURRENT
LIMIT
OVERVOLTAGE
UNDERVOLTAGE
ERROR AMP
PWM COMPARATOR
SS/TRK
PGOOD
+
-
+2.7V
REGULATOR
PVIN
PVIN
THERMAL
PROTECTION
PGND
SW
AVIN
CURRENT SENSE
VCC
1.18V
UVLO
2.7V
AGND
OSCILLATOR
+
752 mV
864 mV
PG-L
PG-L
2.7V
5 PA
gm = 510 Pmho
800 mV
+
-
+
DISCHARGE
DISCHARGE
SLOPE COMP
DIODE
EMULATION
+
-
VREF
+
-
FB
EN
+
-
+
-
(50 Ps)
+
-
+
-
PVIN
LM20123
www.ti.com
SNVS524E – OCTOBER 2007 – REVISED MARCH 2013
BLOCK DIAGRAM
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM20123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com