Electronic Components Datasheet Search
  English  ▼

X  

LM20124 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM20124
Description  4A, 1MHz PowerWise짰 Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20124 Datasheet(HTML) 5 Page - Texas Instruments

  LM20124 Datasheet HTML 1Page - Texas Instruments LM20124 Datasheet HTML 2Page - Texas Instruments LM20124 Datasheet HTML 3Page - Texas Instruments LM20124 Datasheet HTML 4Page - Texas Instruments LM20124 Datasheet HTML 5Page - Texas Instruments LM20124 Datasheet HTML 6Page - Texas Instruments LM20124 Datasheet HTML 7Page - Texas Instruments LM20124 Datasheet HTML 8Page - Texas Instruments LM20124 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM20124, LM20124-Q1
www.ti.com
SNVS507F – OCTOBER 2007 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified: CIN = COUT = 100 µF, L = 1.0 µH (Coilcraft MSS1038), VIN = 5V, VOUT = 1.2V, RLOAD = 1.2Ω, TA =
25°C for efficiency curves, loop gain plots and waveforms, and TJ = 25°C for all others.
Efficiency
Efficiency
vs.
vs.
Load Current (VIN = 5V)
Load Current (VIN = 3.3V)
Figure 1.
Figure 2.
High-Side FET resistance
Low-Side FET resistance
vs.
vs.
Temperature
Temperature
Figure 3.
Figure 4.
Error Amplifier Gain
vs.
Frequency
Line Regulation
Figure 5.
Figure 6.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM20124 LM20124-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com