Electronic Components Datasheet Search
  English  ▼

X  

LM20124 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM20124
Description  4A, 1MHz PowerWise짰 Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20124 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM20124 Datasheet HTML 7Page - Texas Instruments LM20124 Datasheet HTML 8Page - Texas Instruments LM20124 Datasheet HTML 9Page - Texas Instruments LM20124 Datasheet HTML 10Page - Texas Instruments LM20124 Datasheet HTML 11Page - Texas Instruments LM20124 Datasheet HTML 12Page - Texas Instruments LM20124 Datasheet HTML 13Page - Texas Instruments LM20124 Datasheet HTML 14Page - Texas Instruments LM20124 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
IBOUNDARY =
(VIN ± VOUT) x D
2 x L x fSW
LM20124, LM20124-Q1
www.ti.com
SNVS507F – OCTOBER 2007 – REVISED MARCH 2013
THERMAL PROTECTION
Internal thermal shutdown circuitry is provided to protect the integrated circuit in the event that the maximum
junction temperature is exceeded. When activated, typically at 160°C, the LM20124 tri-states the power FETs
and resets soft start. After the junction cools to approximately 150°C, the part starts up using the normal start up
routine. This feature is provided to prevent catastrophic failures from accidental device overheating.
LIGHT LOAD OPERATION
The LM20124 offers increased efficiency when operating at light loads. Whenever the load current is reduced to
a point where the peak to peak inductor ripple current is greater than two times the load current, the part will
enter the diode emulation mode preventing significant negative inductor current. The point at which this occurs is
the critical conduction boundary and can be calculated by the following equation:
(1)
Several diagrams are shown in Figure 24 illustrating continuous conduction mode (CCM), discontinuous
conduction mode, and the boundary condition.
It can be seen that in diode emulation mode, whenever the inductor current reaches zero the SW node will
become high impedance. Ringing will occur on this pin as a result of the LC tank circuit formed by the inductor
and the parasitic capacitance at the node. If this ringing is of concern an additional RC snubber circuit can be
added from the switch node to ground.
At very light loads, usually below 100 mA, several pulses may be skipped in between switching cycles, effectively
reducing the switching frequency and further improving light-load efficiency.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM20124 LM20124-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com