Electronic Components Datasheet Search
  English  ▼

X  

LM20124 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM20124
Description  4A, 1MHz PowerWise짰 Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20124 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM20124 Datasheet HTML 18Page - Texas Instruments LM20124 Datasheet HTML 19Page - Texas Instruments LM20124 Datasheet HTML 20Page - Texas Instruments LM20124 Datasheet HTML 21Page - Texas Instruments LM20124 Datasheet HTML 22Page - Texas Instruments LM20124 Datasheet HTML 23Page - Texas Instruments LM20124 Datasheet HTML 24Page - Texas Instruments LM20124 Datasheet HTML 25Page - Texas Instruments LM20124 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LM20124, LM20124-Q1
SNVS507F – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
Bill of Materials (VIN = 3.3V to 5V, VOUT = 1.2V, IOUTMAX = 4A)
Designator
Description
Part Number
Manufacturer
Qty
U1
Synchronous Buck Regulator
LM20124
Texas Instruments
1
CIN
100 µF, 1210, X5R, 6.3V
GRM32ER60J107ME20
Murata
1
COUT
100 µF, 1210, X5R, 6.3V
GRM32ER60J107ME20
Murata
1
L
1 µH, 6 m
Ω
MSS1038-102NL
Coilcraft
1
RF
1
Ω, 0603
CRCW06031R0J-e3
Vishay-Dale
1
CF
100 nF, 0603, X7R, 16V
GRM188R71C104KA01
Murata
1
CVCC
1 µF, 0603, X5R, 6.3V
GRM188R60J105KA01
Murata
1
RC1
6.65 k
Ω, 0603
CRCW06036651F-e3
Vishay-Dale
1
CC1
2.2 nF, 0603, X7R, 25V
VJ0603Y222KXXA
Vishay-Vitramon
1
CSS
33 nF, 0603, X7R, 25V
VJ0603Y333KXXA
Vishay-Vitramon
1
RFB1
4.99 k
Ω, 0603
CRCW06034991F-e3
Vishay-Dale
1
RFB2
10 k
Ω, 0603
CRCW06031002F-e3
Vishay-Dale
1
22
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20124 LM20124-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com