Electronic Components Datasheet Search
  English  ▼

X  

LM20124 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM20124
Description  4A, 1MHz PowerWise짰 Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20124 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM20124 Datasheet HTML 10Page - Texas Instruments LM20124 Datasheet HTML 11Page - Texas Instruments LM20124 Datasheet HTML 12Page - Texas Instruments LM20124 Datasheet HTML 13Page - Texas Instruments LM20124 Datasheet HTML 14Page - Texas Instruments LM20124 Datasheet HTML 15Page - Texas Instruments LM20124 Datasheet HTML 16Page - Texas Instruments LM20124 Datasheet HTML 17Page - Texas Instruments LM20124 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
IIN-RMS = IOUT D(1 - D)
VDROOP = 'IOUTSTEP x RESR +
L x 'IOUTSTEP
2
COUT x (VIN - VOUT)
'VOUT = 'iL x
1
8 x fSW x COUT
RESR +
LM20124, LM20124-Q1
SNVS507F – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
OUTPUT CAPACITOR SELECTION (COUT)
The output capacitor, COUT, filters the inductor ripple current and provides a source of charge for transient load
conditions. A wide range of output capacitors may be used with the LM20124 that provide excellent performance.
The best performance is typically obtained using ceramic, SP, or OSCON type chemistries. Typical trade-offs are
that the ceramic capacitor provides extremely low ESR to reduce the output ripple voltage and noise spikes,
while the SP and OSCON capacitors provide a large bulk capacitance in a small volume for transient loading
conditions.
When selecting the value for the output capacitor the two performance characteristics to consider are the output
voltage ripple and transient response. The output voltage ripple can be approximated by using the formula shown
below.
(4)
Where,
ΔVOUT (V) is the amount of peak to peak voltage ripple at the power supply output, RESR (Ω) is the series
resistance of the output capacitor, fSW(Hz) is the switching frequency, and COUT (F) is the output capacitance
used in the design. The amount of output ripple that can be tolerated is application specific; however a general
recommendation is to keep the output ripple less than 1% of the rated output voltage. Keep in mind ceramic
capacitors are sometimes preferred because they have very low ESR; however, depending on package and
voltage rating of the capacitor the value of the capacitance can drop significantly with applied voltage. The output
capacitor selection will also affect the output voltage droop during a load transient. The peak droop on the output
voltage during a load transient is dependent on many factors; however, an approximation of the transient droop
ignoring loop bandwidth can be obtained using the following equation.
(5)
Where, COUT (F) is the minimum required output capacitance, L (H) is the value of the inductor, VDROOP (V) is the
output voltage drop ignoring loop bandwidth considerations,
ΔIOUTSTEP (A) is the load step change, RESR (Ω) is
the output capacitor ESR, VIN (V) is the input voltage, and VOUT (V) is the set regulator output voltage. Both the
tolerance and voltage coefficient of the capacitor needs to be examined when designing for a specific output
ripple or transient drop target.
INPUT CAPACITOR SELECTION (CIN)
Good quality input capacitors are necessary to limit the ripple voltage at the VIN pin while supplying most of the
switch current during the on-time. In general it is recommended to use a ceramic capacitor for the input as they
provide both a low impedance and small footprint. One important note is to use a good dielectric for the ceramic
capacitor such as X5R or X7R. These provide better over temperature performance and also minimize the DC
voltage derating that occurs on Y5V capacitors. For most applications, a 22 µF, X5R, 6.3V input capacitor is
sufficient; however, additional capacitance may be required if the connection to the input supply is far from the
PVIN pins. The input capacitor should be placed as close as possible PVIN and PGND pins of the device.
Non-ceramic input capacitors should be selected for RMS current rating and minimum ripple voltage. A good
approximation for the required ripple current rating is given by the relationship:
(6)
As indicated by the RMS ripple current equation, highest requirement for RMS current rating occurs at 50% duty
cycle. For this case, the RMS ripple current rating of the input capacitor should be greater than half the output
current. For best performance, low ESR ceramic capacitors should be placed in parallel with higher capacitance
capacitors to provide the best input filtering for the device.
14
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20124 LM20124-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com