Electronic Components Datasheet Search
  English  ▼

X  

LM20124 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM20124
Description  4A, 1MHz PowerWise짰 Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20124 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM20124 Datasheet HTML 12Page - Texas Instruments LM20124 Datasheet HTML 13Page - Texas Instruments LM20124 Datasheet HTML 14Page - Texas Instruments LM20124 Datasheet HTML 15Page - Texas Instruments LM20124 Datasheet HTML 16Page - Texas Instruments LM20124 Datasheet HTML 17Page - Texas Instruments LM20124 Datasheet HTML 18Page - Texas Instruments LM20124 Datasheet HTML 19Page - Texas Instruments LM20124 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
RC1 =
x
CC1
COUT
IOUT
VOUT
+
18 x D
VIN
-1
+
1-D
fSW x L
COMP
CC1
RC1
CC2
LM20124
(optional)
AM
fSW/2
0 dB
FREQUENCY (Hz)
Error Amp Zero, fZ(EA)
Complex Double Pole, fP(MOD)
Optional Error Amp
Pole, fP2(EA)
0 dB
0 dB
AEA + AM
AEA
Error Amp Pole, fP1(EA)
Complex Double Pole, fP(MOD)
Output Filter Zero, fZ(FIL)
Output Filter Pole, fP(FIL)
fC
Error Amp Pole, fP(EA)
LM20124, LM20124-Q1
SNVS507F – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
Figure 27. LM20124 Loop Compensation
The power stage transfer function is dictated by the modulator, output LC filter, and load; while the feedback
transfer function is set by the feedback resistor ratio, error amp gain, and external compensation network.
To achieve a -20dB/decade slope, the error amplifier zero, located at fZ(EA), should positioned to cancel the
output filter pole (fP(FIL)). An additional error amp pole, located at fP2(EA), can be added to cancel the output filter
zero at fZ(FIL). Cancellation of the output filter zero is recommended if larger value, non-ceramic output capacitors
are used.
Compensation of the LM20124 is achieved by adding an RC network as shown in Figure 28 below.
Figure 28. Compensation Network for LM20124
A good starting value for CC1 for most applictions is 4.7 nF. Once the value of CC1 is chosen the value of RC1
should be calculated using the equation below to cancel the output filter pole (fP(FIL)) as shown in Figure 27.
(8)
A higher crossover frequency can be obtained, usually at the expense of phase margin, by lowering the value of
CC1 and recalculating the value of RC1. Likewise, increaseing CC1 and recalculating RC1 will provide additional
phase margin at a lower crossover frequency. As with any attempt to compensate the LM20124 the stability of
the system should be verified for desired transient droop and settling time.
16
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20124 LM20124-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com