Electronic Components Datasheet Search
  English  ▼

X  

LM20124 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM20124
Description  4A, 1MHz PowerWise짰 Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20124 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM20124 Datasheet HTML 13Page - Texas Instruments LM20124 Datasheet HTML 14Page - Texas Instruments LM20124 Datasheet HTML 15Page - Texas Instruments LM20124 Datasheet HTML 16Page - Texas Instruments LM20124 Datasheet HTML 17Page - Texas Instruments LM20124 Datasheet HTML 18Page - Texas Instruments LM20124 Datasheet HTML 19Page - Texas Instruments LM20124 Datasheet HTML 20Page - Texas Instruments LM20124 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
tSS =
0.8V x CSS
ISS
CC2 =
COUT x RESR
RC1
fZ(FIL) =
1
2 x S x COUT x RESR
LM20124, LM20124-Q1
www.ti.com
SNVS507F – OCTOBER 2007 – REVISED MARCH 2013
If the output filter zero, fZ(FIL) approaches the crossover frequency (FC), an additional capacitor (CC2) should be
placed at the COMP pin to ground. This capacitor adds a pole to cancel the output filter zero assuring the
crossover frequency will occur before the double pole at fSW/2 degrades the phase margin. The output filter zero
is set by the output capacitor value and ESR as shown in the equation below.
(9)
If needed, the value for CC2 should be calculated using the equation shown below.
(10)
Where RESR is the output capacitor series resistance and RC1 is the calculated compensation resistance.
AVIN FILTERING COMPONENTS (CF and RF)
To prevent high frequency noise spikes from disturbing the sensitive analog circuitry connected to the AVIN and
AGND pins, a high frequency RC filter is required between PVIN and AVIN. These components are shown in
Figure 25. as CF and RF. The required value for RF is 1Ω. CF must be used. Recommended value of CF is 1.0
µF. The filter capacitor, CF should be placed as close to the IC as possible with a direct connection from AVIN to
AGND. A good quality X5R or X7R ceramic capacitor should be used for CF.
SUB-REGULATOR BYPASS CAPACITOR (CVCC)
The capacitor at the VCC pin provides noise filtering and stability for the internal sub-regulator. The
recommended value of CVCC should be no smaller than 1 µF and no greater than 10 µF. The capacitor should be
a good quality ceramic X5R or X7R capacitor. In general, a 1 µF ceramic capacitor is recommended for most
applications.
SETTING THE START UP TIME (CSS)
The addition of a capacitor connected from the SS pin to ground sets the time at which the output voltage will
reach the final regulated value. Larger values for CSS will result in longer start up times. Table 3 provides a list of
soft start capacitors and the corresponding typical start up times.
Table 3. Start Up Times for Different Soft-Start Capacitors
Start Up Time (ms)
CSS (nF)
1
none
5
33
10
68
15
100
20
120
If different start up times are needed the equation shown below can be used to calculate the start up time.
(11)
As shown above, the start up time is influenced by the value of the Soft-Start capacitor CSS(F) and the 5 µA Soft-
Start pin current ISS(A). that may be found in the electrical characteristics table.
While the Soft-Start capacitor can be sized to meet many start up requirements, there are limitations to its size.
The Soft-Start time can never be faster than 1ms due to the internal default 1 ms start up time. When the device
is enabled there is an approximate time interval of 50 µs when the Soft-Start capacitor will be discharged just
prior to the Soft-Start ramp. If the enable pin is rapidly pulsed or the Soft-Start capacitor is large there may not be
enough time for CSS to completely discharge resulting in start up times less than predicted. To aid in discharging
the Soft-Start capacitor during long disable periods an external 1 M
Ω resistor from SS/TRK to ground can be
used without greatly affecting the start-up time.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM20124 LM20124-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com