Electronic Components Datasheet Search
  English  ▼

X  

LM20124 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM20124
Description  4A, 1MHz PowerWise짰 Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20124 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM20124 Datasheet HTML 15Page - Texas Instruments LM20124 Datasheet HTML 16Page - Texas Instruments LM20124 Datasheet HTML 17Page - Texas Instruments LM20124 Datasheet HTML 18Page - Texas Instruments LM20124 Datasheet HTML 19Page - Texas Instruments LM20124 Datasheet HTML 20Page - Texas Instruments LM20124 Datasheet HTML 21Page - Texas Instruments LM20124 Datasheet HTML 22Page - Texas Instruments LM20124 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
VOUT1
VOUT2
VEN
TIME
TIME
SIMULTANEOUS START UP
RATIOMETRIC START UP
=
1
R
VOUT1
VOUT2
VEN
OUT1
2
OUT
V
x
8
.
0
<
V
(
) x
-1
=
1
R
2
R
V
1
OUT
2
R
x
-1
V
2
OUT
V
8
.
0
¸
¹
·
¨
©
§
¸
¨
LM20124, LM20124-Q1
www.ti.com
SNVS507F – OCTOBER 2007 – REVISED MARCH 2013
Figure 31. Common Start Up Sequences
A simultaneous start up is preferred when powering most FPGAs, DSPs, or other microprocessors. In these
systems the higher voltage, VOUT1, usually powers the I/O, and the lower voltage, VOUT2, powers the core. A
simultaneous start up provides a more robust power up for these applications since it avoids turning on any
parasitic conduction paths that may exist between the core and the I/O pins of the processor.
The second most common power on behavior is known as a ratiometric start up. This start up is preferred in
applications where both supplies need to be at the final value at the same time.
Similar to the Soft-Start function, the fastest start up possible is 1ms regardless of the rise time of the tracking
voltage. When using the track feature the final voltage seen by the SS/TRACK pin should exceed 1V to provide
sufficient overdrive and transient immunity.
THERMAL CONSIDERATIONS
The thermal characteristics of the LM20124 are specified using the parameter
θJA, which relates the junction
temperature to the ambient temperature. Although the value of
θJA is dependant on many variables, it still can be
used to approximate the operating junction temperature of the device.
To obtain an estimate of the device, junction temperature, one may use the following relationship:
TJ = PDθJA + TA
(13)
and
PD = PIN x (1 - Efficiency) - 1.1 x IOUT2 x DCR
(14)
Where:
TJ is the junction temperature in °C.
PIN is the input power in Watts (PIN = VIN x IIN).
θJA is the junction to ambient thermal resistance for the LM20124.
TA is the ambient temperature in °C.
IOUT is the output load current.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM20124 LM20124-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com