Electronic Components Datasheet Search
  English  ▼

X  

LP8754 Datasheet(PDF) 32 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8754 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP8754_15 Datasheet HTML 28Page - Texas Instruments LP8754_15 Datasheet HTML 29Page - Texas Instruments LP8754_15 Datasheet HTML 30Page - Texas Instruments LP8754_15 Datasheet HTML 31Page - Texas Instruments LP8754_15 Datasheet HTML 32Page - Texas Instruments LP8754_15 Datasheet HTML 33Page - Texas Instruments LP8754_15 Datasheet HTML 34Page - Texas Instruments LP8754_15 Datasheet HTML 35Page - Texas Instruments LP8754_15 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
LP8754
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
www.ti.com
7.6.11 FLAGS_1
Address: 0x0E
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
I_LOAD_READ
UVLO
T_WARNING
THSD
OVP
SCP
Y
Bits
Field
Type
Default
Description
7:6
Reserved
R/W
00
5
I_LOAD_READY
R/W
0
Flag Bit(1)
1 = Buck load current measurement data ready
0 = Buck load current measurement data not ready
4
UVLO
R/W
0
Flag Bit (1)
1= Input undervoltage lockout (UVLO): Input voltage sagged below UVLO threshold.
0 = No UVLO
3
T_WARNING
R/W
0
Flag Bit (1)
1= Thermal warning: The IC temperature exceeds 120°C, in advance of the thermal
shutdown protection.
0 = No thermal warning
2
THSD
R/W
0
Flag Bit (1)
1 = Thermal shutdown event detected
0 = No thermal shutdown
1
OVP
R/W
0
Flag Bit (1)
1= Indicates overvoltage protection (OVP) circuit activation.
0 = No OVP event. The OVP circuitry monitors VDDA5V power input.
0
SCP
R/W
0
Flag Bit (1)
1= Indicates short-circuit protection (SCP) circuit activation. The bit is activated when a
short-circuit condition is detectedon output rail.
0 = No SCP event
(1)
The flag bit(s) can be cleared only by writing a zero to the associated register bit(s) or power cycling the device (VVIOSYS to LOW).
Reading or RESET does not clear the flag bits. After clearing, the OVP, SCP fault flag(s) will be raised again '1' if the fault condition
persists. The THSD flag will remain '0' after clear, even though the fault condition persists. Any unmasked flag bit High will cause the
interrupt to be asserted on the INT pin. The INT pin will be pulled Low until all the unmasked flags are clear again.
7.6.12 INT_MASK_0
Address: 0x0F
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
MASK_nPG_B
MASK_OVP
MASK_SCP
0
Bits
Field
Type
Default
Description
7:3
Reserved
R/W
1 1111
2
MASK_nPG_B0
R/W
0
Interrupt mask for power good fault flag
1 = nPG_B0 does not set interrupt.
0 = nPG_B0 sets interrupt, when triggered.
1
MASK_OVP
R/W
0
Interrupt mask for Overvoltage Protection (OVP) fault flag
1 = OVP does not set interrupt.
0 = OVP sets interrupt, when triggered.
0
MASK_SCP
R/W
0
Interrupt mask for short-circuit protection SCP fault flag
1 = SCP does not set interrupt.
0 = SCP sets interrupt, when triggered.
7.6.13 GENERAL
Address: 0x10
32
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com