Electronic Components Datasheet Search
  English  ▼

X  

LP8754 Datasheet(PDF) 24 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8754 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP8754_15 Datasheet HTML 20Page - Texas Instruments LP8754_15 Datasheet HTML 21Page - Texas Instruments LP8754_15 Datasheet HTML 22Page - Texas Instruments LP8754_15 Datasheet HTML 23Page - Texas Instruments LP8754_15 Datasheet HTML 24Page - Texas Instruments LP8754_15 Datasheet HTML 25Page - Texas Instruments LP8754_15 Datasheet HTML 26Page - Texas Instruments LP8754_15 Datasheet HTML 27Page - Texas Instruments LP8754_15 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
Yes
INT Requested
If THSD low then enable
power outputs
TEMP[1:0] = 0b11
Power Outputs Disabled
TEMP[1:0] = 0b10
TEMP[1:0] = 0b01
TEMP[1:0] = 0b00
Tj > 85°C
Yes
INT Requested
No
Tj < 75°C
No
Tj > 120°C
No
Tj > 150°C
Tj < 110°C
No
Tj < 125°C
No
Read FLAGS_0
INT Released
Read FLAGS_0
INT Released
Read FLAGS_0
Yes
INT Requested
T_WARNING Asserted
Yes
INT Requested
THSD Asserted
Yes
INT Requested
Clear THSD
E\ZULWLQJ¶0'
Read FLAGS_0
INT Released
THSD De-asserted
Clear T_WARNING
E\ZULWLQJ¶0'
INT by T_WARNING
released
Yes
INT Requested
INT by change in
TEMP released
No
LP8754
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
www.ti.com
Note that INT is asserted whenever any of the thermal thresholds is crossed, if unmasked. Note also the 10°C
Hysteresis on the TJ Thresholds.
Figure 17. Thermal Warnings and Thermal Shutdown Flow
7.4 Device Functional Modes
SHUTDOWN: All switch, reference, control and bias circuitry of the LP8754 are turned off. The main battery
supply voltage is high enough to start the buck power-up sequence but VVIOSYS and NRST are
LOW.
STANDBY: Setting VVIOSYS HIGH enables standby-operation. All registers can be read or written by the system
master via the system serial interface. Recovery from UVLO, TSD, or OVP event also leads to
standby.
ACTIVE:
Regulated DC/DC converters are on or can be enabled with full current capability. In this mode, all
features and control registers are available via the system serial bus and via DVS interface.
LOW-POWER: At light loads (less than ~30 mA), and when the load does not require highest level of transient
performance, the device enters automatically Low-Power mode. In this mode the part operates at
low Iq. Conditions entering and exiting Low-Power mode are shown in Figure 18.
24
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com