Electronic Components Datasheet Search
  English  ▼

X  

LP8754 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8754 Datasheet(HTML) 5 Page - Texas Instruments

  LP8754_15 Datasheet HTML 1Page - Texas Instruments LP8754_15 Datasheet HTML 2Page - Texas Instruments LP8754_15 Datasheet HTML 3Page - Texas Instruments LP8754_15 Datasheet HTML 4Page - Texas Instruments LP8754_15 Datasheet HTML 5Page - Texas Instruments LP8754_15 Datasheet HTML 6Page - Texas Instruments LP8754_15 Datasheet HTML 7Page - Texas Instruments LP8754_15 Datasheet HTML 8Page - Texas Instruments LP8754_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
LP8754
www.ti.com
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
INPUT VOLTAGE
Voltage on Power Connections (VIOSYS, VDDA5V, VINBXX)
−0.3
6
V
Voltage on Logic pins (Input or Output pins) (SCLSYS, SDASYS, NRST,
−0.3
6
NSLP, ADDR, INT, SCLSR, SDASR)
Buck switch nodes (SWBXX)
−0.3
(VVINBXX + 0.2 V) with 6 V max
V
VLDO, FBB0+/B0, FBB0
−/B1, FBB2, FBB3+/B3, FBB3−/B4, FBB5
−0.3
2
V
All other analog pins
−0.3
6
TEMPERATURE
Junction Temperature (TJ-MAX)
150
°C
Maximum Lead Temperature (Soldering, 10 s)(3)
260
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground pin.
(3)
For detailed soldering specifications and information, please refer to Application Note 1112: DSBGA Wafer-Level Chip-Scale Package
(AN-1112).
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
−65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC
–1000
1000
JS-001, all pins(2)
Electrostatic
V(ESD) (All pins)
(1)
V
discharge
Charged device model (CDM), per JEDEC
–250
250
specification JESD22-C101, all pins(3)
(1)
Electrostatic discharge (ESD) to measure device sensitivity and immunity to damage caused by assembly line electrostatic discharges in
to the device.
(2)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(3)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
INPUT VOLTAGE
Voltage on power connections (VDDA5V, VINBXX)
2.5
5
V
Voltage on VIOSYS
1.8
smaller of 3.3
V
V or VVINBXX
SCLSYS, SDASYS, ADDR
0
VVIOSYS
V
SCLSR, SDASR, NSLP, INT
0
VNRST
V
NRST
0
1.8
V
TEMPERATURE
Junction temperature (TJ)
−40
125
°C
Ambient temperature (TA)
−40
85
(1)
All voltage values are with respect to network ground pin.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com