Electronic Components Datasheet Search
  English  ▼

X  

LP8754 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8754 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP8754_15 Datasheet HTML 7Page - Texas Instruments LP8754_15 Datasheet HTML 8Page - Texas Instruments LP8754_15 Datasheet HTML 9Page - Texas Instruments LP8754_15 Datasheet HTML 10Page - Texas Instruments LP8754_15 Datasheet HTML 11Page - Texas Instruments LP8754_15 Datasheet HTML 12Page - Texas Instruments LP8754_15 Datasheet HTML 13Page - Texas Instruments LP8754_15 Datasheet HTML 14Page - Texas Instruments LP8754_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
LP8754
www.ti.com
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
Protection Features Characteristics (continued)
Limits apply over the full ambient temperature range -40°C
≤ TA ≤ 85°C, VVDDA5V = VVINBXX = 3.7 V, VVIOSYS = VNRST = 1.8 V,
VOUT = 1.1 V, (unless otherwise noted).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THERMAL SHUTDOWN AND MONITORING
TSHUT
Thermal shutdown (TSD)
Threshold, Temperature rising
150
Hysteresis
25
TWARN
Thermal warning
Temperature rising, 1st warning, Interrupt
85
only
°C
Hysteresis
10
Thermal warning prior to TSD
Temperature rising, 2nd warning, Interrupt
120
and flag set
Hysteresis
10
6.9 I
2C Serial Bus Timing Parameters
Serial bus address is selected by the ADDR pin. Connect the pin to GND (addr = 60h), VIOSYS (addr = 61h), SDASYS (addr
= 62h), or SCLSYS (addr = 63h). Both of the serial buses share the same address; that is, if addr = 60h is selected for the
System bus, the Dynamic Voltage Scaling bus will respond to the same address. Start conditions are used to secure the I
2C
slave address. During the I
2C bus start condition, it is detected whether the ADDR is connected to SDASYS, SCLSYS, GND,
or VIOSYS. The I
2C host should allow at least 500 µs before sending data to the LP8754 after the rising edge of the VIOSYS
line.
These specifications are ensured by design. Limits apply over the full ambient temperature range -40°C
≤ TA ≤ 85°C, VVDDA5V
= VVINBXX = 3.7 V, VVIOSYS = VNRST = 1.8 V, VOUT = 1.1 V, (unless otherwise noted).
SYMBOL
PARAMETER (See Figure 1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL TIMING SPECIFICATIONS (SCL, SDA)(1)(2)(3)
Standard mode
100
kHz
Fast mode
400
kHz
fCLK
Serial clock frequency
High-speed mode, Cb = 100 pF (max)
3.4
MHz
High-speed mode, Cb = 400 pF (max)
(4)
1.7
MHz
Standard mode
4.7
µs
Fast mode
1.3
tLOW
SCL low time
High-speed mode, Cb = 100 pF (max)
160
ns
High-speed mode, Cb = 400 pF (max)
(4)
320
Standard mode
4.0
µs
Fast mode
0.6
tHIGH
SCL high time
High-speed mode, Cb = 100 pF (max)
60
ns
High-speed mode, Cb = 400 pF (max)
(4)
120
Standard mode
250
tSU;DAT
Data setup time
Fast mode
100
ns
High-speed mode
10
Standard mode
0
3.45
µs
Fast mode
0
0.9
tHD;DAT
Data hold time
High-speed mode, Cb = 100 pF (max)
0
70
ns
High-speed mode, Cb = 400 pF (max)
(4)
0
150
(1)
Unless otherwise stated, 'SDA' in this paragraph refers to both of the SDASR and SDASYS signals, and respectively 'SCL' refers to
SCLSR and SCLSYS signals.
(2)
Cb refers to the capacitance of one bus line. Cb is expressed in pF units. The specification table provided applies to both of the
interfaces; DVS and System interface.
(3)
The power-on default setting for the system bus and the DVS bus is High-speed-enabled, there is no handshaking required to initiate
High speed.
(4)
For bus line loads Cb between 100 pF and 400 pF the timing parameters must be linearly interpolated.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com