Electronic Components Datasheet Search
  English  ▼

X  

LP8754 Datasheet(PDF) 17 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8754 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP8754_15 Datasheet HTML 13Page - Texas Instruments LP8754_15 Datasheet HTML 14Page - Texas Instruments LP8754_15 Datasheet HTML 15Page - Texas Instruments LP8754_15 Datasheet HTML 16Page - Texas Instruments LP8754_15 Datasheet HTML 17Page - Texas Instruments LP8754_15 Datasheet HTML 18Page - Texas Instruments LP8754_15 Datasheet HTML 19Page - Texas Instruments LP8754_15 Datasheet HTML 20Page - Texas Instruments LP8754_15 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
LOAD CURRENT
N=1
BEST EFFICIENCY OBTAINED WITH
N=2
N=3
N=4
N=5
N=6
+
-
FBP
FBN
DIFFERENTIAL TO
SINGLE-ENDED
+
-
+
-
POWER
GOOD
LOOP
COMP
RAMP
GENERATOR
PMOS
CURRENT
SENSE
NMOS
CURRENT
SENSE
GATE
CONTROL
IADC
VDAC
ERROR
AMP
GND
NEG
CURRENT
LIMIT
ZERO
CROSS
DETECT
SW
POS
CURRENT
LIMIT
VIN
VOUT
CONTROL
BLOCK
PROGRAMMABLE
PARAMETERS
SLAVE
INTERFACE
VOLTAGE
SETTING
SLEW RATE
CONTROL
SLAVE
PHASE
CONTROL
MASTER
INTERFACE
LP8754
www.ti.com
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
Features Descriptions (continued)
Figure 8. Detailed Block Diagram Showing One Buck Core
7.3.1.1 Multi-Phase Operation and Phase-Shedding
Under heavy load conditions, the switching phase of the bucks are interleaved. As a result, the 6-phase
converter has higher effective switching frequency than the switching frequency of any one phase.
The parallel operation decreases the efficiency at low load conditions. In order to overcome this operational
inefficiency, the LP8754 automatically changes the number of active phases to maximize the efficiency. This is
called phase-shedding and the concept is illustrated in Figure 9.
Figure 9. Multi-phase Buck Converter Efficiency vs Number of Phases; All Converters in PWM Mode (1)
(1)
Graph is not to scale and is for illustrative purposes only.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com