Electronic Components Datasheet Search
  English  ▼

X  

LP8754 Datasheet(PDF) 23 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8754 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP8754_15 Datasheet HTML 19Page - Texas Instruments LP8754_15 Datasheet HTML 20Page - Texas Instruments LP8754_15 Datasheet HTML 21Page - Texas Instruments LP8754_15 Datasheet HTML 22Page - Texas Instruments LP8754_15 Datasheet HTML 23Page - Texas Instruments LP8754_15 Datasheet HTML 24Page - Texas Instruments LP8754_15 Datasheet HTML 25Page - Texas Instruments LP8754_15 Datasheet HTML 26Page - Texas Instruments LP8754_15 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
LP8754
www.ti.com
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
7.3.4.2 Faults (Fault State and Fast Power Down)
7.3.4.2.1
Undervoltage Lock-out (UVLO)
When the input voltage falls below VUVLO (typ. 2.25 V) at the VDDA5V pin, the LP8754 indicates a fault by
activating the FLAGS_1.UVLO flag. The buck converter shut down without a power-down sequence (Fast Power-
Down). The flag will remain active until the input voltage is raised above the UVLO threshold. If the flag is
cleared while the fault persists, the flag is immediately re-asserted, and interrupt remains active.
7.3.4.2.2
Overvoltage Protection (OVP)
When an input voltage greater than VOVP (typ. 5.3 V) is detected at the VDDA5V pin, the LP8754 indicates a fault
by activating the FLAGS_1.OVP flag. The buck converter is shut down immediately (Fast Power-Down). The flag
will remain active until the input voltage is below the OVP threshold. If the flag is cleared while the fault persists,
the flag is immediately re-asserted and interrupt remains active.
7.3.4.2.3
Thermal Shutdown (THSD)
The LP8754 has a thermal overload protection function that operates to protect itself from short-term misuse and
overload conditions. When the junction temperature exceeds around 150°C, the device enters shutdown via fault-
state. INT will be cleared upon write of the FLAGS_1.THSD flag even when thermal shutdown is active. This
allows automatic recovery when temperature decreases below thermal shutdown level. See Figure 17 for
LP8754 thermal diagnosis and protection features.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com