Electronic Components Datasheet Search
  English  ▼

X  

LP8754 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8754 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP8754_15 Datasheet HTML 8Page - Texas Instruments LP8754_15 Datasheet HTML 9Page - Texas Instruments LP8754_15 Datasheet HTML 10Page - Texas Instruments LP8754_15 Datasheet HTML 11Page - Texas Instruments LP8754_15 Datasheet HTML 12Page - Texas Instruments LP8754_15 Datasheet HTML 13Page - Texas Instruments LP8754_15 Datasheet HTML 14Page - Texas Instruments LP8754_15 Datasheet HTML 15Page - Texas Instruments LP8754_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
LP8754
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
www.ti.com
I
2C Serial Bus Timing Parameters (continued)
Serial bus address is selected by the ADDR pin. Connect the pin to GND (addr = 60h), VIOSYS (addr = 61h), SDASYS (addr
= 62h), or SCLSYS (addr = 63h). Both of the serial buses share the same address; that is, if addr = 60h is selected for the
System bus, the Dynamic Voltage Scaling bus will respond to the same address. Start conditions are used to secure the I
2C
slave address. During the I
2C bus start condition, it is detected whether the ADDR is connected to SDASYS, SCLSYS, GND,
or VIOSYS. The I
2C host should allow at least 500 µs before sending data to the LP8754 after the rising edge of the VIOSYS
line.
These specifications are ensured by design. Limits apply over the full ambient temperature range -40°C
≤ TA ≤ 85°C, VVDDA5V
= VVINBXX = 3.7 V, VVIOSYS = VNRST = 1.8 V, VOUT = 1.1 V, (unless otherwise noted).
SYMBOL
PARAMETER (See Figure 1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Standard mode
4.7
µs
Set-up time for a repeated
tSU;STA
Fast mode
0.6
start condition
High-speed mode
160
ns
Standard mode
4.0
µs
Hold time for a start or a
tHD;STA
Fast mode
0.6
repeated start condition
High-speed mode
160
ns
Standard mode
4.7
Bus free time between a stop
tBUF
µs
and start condition
Fast mode
1.3
Standard mode
4.0
µs
Set-up time for a stop
tSU;STO
Fast mode
0.6
condition
High-speed mode
160
ns
Standard mode
1000
ns
Fast mode
20
300
ns
trDA
Rise time of SDA signal
High-speed mode, Cb = 100 pF (max)
10
80
ns
High-speed mode, Cb = 400 pF (max)
(4)
20
160
ns
Standard mode
300
ns
Fast Mode
6.5
300
ns
tfDA
Fall time of SDA signal
High-speed mode, Cb = 100 pF (max)
10
80
ns
High-speed mode, Cb = 400 pF (max)
(4)
20
160
ns
Standard mode
1000
ns
Fast mode
20
300
ns
trCL
Rise time of SCL signal
High-speed mode, Cb = 100 pF (max)
10
40
ns
High-speed mode, Cb = 400 pF (max)
(5)
20
80
ns
Rise time of SCL signal after
High-speed mode, Cb = 100 pF (max)
10
80
ns
trCL1
a repeated start condition and
High-speed mode, Cb = 400 pF (max)
(5)
20
160
ns
after anacknowledge bit
Standard mode
300
ns
Fast mode
6.5
300
ns
tfCL
Fall time of a SCL signal
High-speed mode, Cb = 100 pF (max)
10
40
ns
High-speed mode, Cb = 400 pF (max)
(5)
20
80
ns
Capacitive load for each bus
Cb
400
pF
line (SCL and SDA)
Fast mode
50
Pulse width of spike
tSP
ns
suppressed(6)
High-speed mode
10
(5)
For bus line loads Cb between 100 pF and 400 pF the timing parameters must be linearly interpolated.
(6)
Spike suppression filtering on SCLSYS, SCLSR, SDASYS and SDASR will suppress spikes that are less than the indicated width.
12
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com