Electronic Components Datasheet Search
  English  ▼

X  

ML6440 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML6440
Description  Multi-Standard 8-bit Adaptive Digital Input Comb Filter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6440 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML6440 Datasheet HTML 1Page - Micro Linear Corporation ML6440 Datasheet HTML 2Page - Micro Linear Corporation ML6440 Datasheet HTML 3Page - Micro Linear Corporation ML6440 Datasheet HTML 4Page - Micro Linear Corporation ML6440 Datasheet HTML 5Page - Micro Linear Corporation ML6440 Datasheet HTML 6Page - Micro Linear Corporation ML6440 Datasheet HTML 7Page - Micro Linear Corporation ML6440 Datasheet HTML 8Page - Micro Linear Corporation ML6440 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ML6440
4
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = 5V ±5%, CL = 50pF, TA = Operating Temperature Range (Notes 1, 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
ICC
Supply Current
VCC=5.25V, CLK=14.75 MHz,
60
90
mA
PAL Square Pixel
AVCC
Analog Supply Voltage
Recommend Operation
VCC–0.6 VCC–0.4
V
LOGIC
VIL
Low Level Input Voltage
0.8
V
VIH
High Level Input Voltage
VCC – 1.5
V
IIL
Low Level Input Current
10
µA
IIH
High Level Input Current
10
µA
CIN
Input Capacitance
5pF
VOL
Low Level Output Voltage
IOL = –2mA
0.4
V
VOH
High Level Output Voltage
IOH = 2mA
VCC – 1.0
V
Output Current
3-state Mode
10
µA
COUT
Output Capacitance
3-state Mode
5
pF
SYSTEM TIMING
fCLK
CLK Input Frequency
Square Pixel PAL
14.75
MHz
Square Pixel NTSC
12.70
MHz
CCIR601
13.50
MHz
tSU
Setup Time to Rising CLK Edge
fCLK = 14.75MHz
10
ns
Clock Low Duration
fCLK = 14.75MHz
30
ns
Clock High Duration
fCLK = 14.75MHz
45
ns
Input Rise Time
fCLK = 14.75MHz, 10% to 90%
20
ns
Input Fall Time
fCLK = 14.75MHz, 90% to 10%
20
ns
Data Valid after Rising CLK Edge
fCLK = 14.75MHz
20
ns
3-state Delay Time, Output Enable
fCLK = 14.75MHz
20
ns
3-state Delay Time, Output Disable
fCLK = 14.75MHz
20
ns
Output Rise time
fCLK = 14.75MHz, 10% to 90%
20
ns
Output Fall time
fCLK = 14.75MHz, 90% to 10%
20
ns
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
VCC ............................................................................. 7V
Analog & Digital I/O ............. GND – 0.3V to VCC + 0.3V
Input Current .......................................................... 20µA
Junction Temperature ............................................. 150°C
Storage Temperature Range...................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ..................... 260°C
Thermal Resistance (
qJA) ...................................... 67°C/W
OPERATING CONDITIONS
Temperature Range ........................................ 0°C to 70°C
VCC Range ............................................... 4.75V to 5.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com