Electronic Components Datasheet Search
  English  ▼

X  

ML6440 Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML6440
Description  Multi-Standard 8-bit Adaptive Digital Input Comb Filter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6440 Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML6440 Datasheet HTML 4Page - Micro Linear Corporation ML6440 Datasheet HTML 5Page - Micro Linear Corporation ML6440 Datasheet HTML 6Page - Micro Linear Corporation ML6440 Datasheet HTML 7Page - Micro Linear Corporation ML6440 Datasheet HTML 8Page - Micro Linear Corporation ML6440 Datasheet HTML 9Page - Micro Linear Corporation ML6440 Datasheet HTML 10Page - Micro Linear Corporation ML6440 Datasheet HTML 11Page - Micro Linear Corporation ML6440 Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ML6440
8
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Mode—Function
Y+C or CV
Adaption
Adaption
Adaption
Comb
Comb
Square Pixel/
PAL
Select
Threshold
Threshold
Threshold
Mode
Mode
CCIR601
or NTSC
2
1
0
1
0
Select
Select
Value
Y+C = 1
AT2 = 0
AT1 = 0
AT0 = 0
CM1 = 0
CM0 = 0
Sq. Pixel = 1
PAL = 1
CV = 0
or 1
or 1
or 1
or 1
or 1
CCIR601 = 0
NTSC = 0
Parallel Mode
CI7/DI7
CI6/DI6
CI5/DI5
CI4/DI4
CI3/DI3
CI2/DI2
CI1/DI1
CI0/DI0
Input Pin
PREAMBLE
DATA ADDRESS (B3)HEX
DATA (D[7:0]2)
Table 1. Serial Data Format
Table 2. Control Register Format D[7:0] (Serial or Parallel Mode)
Table 3. Clock Frequency Requirements
STANDARD/RATE
CCIR601
SQUARE PIXEL
NTSC (fSC = 3.58MHz)
13.5MHz
12.27MHz
PAL (fSC = 4.43MHz)
13.5MHz
14.75MHz
COMB MODE, D[3,2]
NTSC
PAL
00
Y adaptive, C comb 100% active
Y adaptive, C adaptive
01
Y adaptive, C adaptive
Y adaptive, C comb 100% active
10
Y 100% comb active, C 100% comb active
Y 100% comb active, C 100% comb active
Not recommended due reduced performance
11
Bandsplitting only (no combing)
Bandsplitting only (no combing)
Table 4. Adaption Threshold Bit Table
ADAPTION THRESHOLD D[6,5,4]
ADAPTION THRESHOLD LEVEL
000
Automatic threshold for minimal comb artifact generation for various video
source material.
001
Threshold for computer graphics applications, minimizing dot crawl on
bold lettering.
010 to 110
Various degrees of thresholds.
111
Threshold for better reproduction of natural photographic images.
Table 5. Comb Mode Bit Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com