Electronic Components Datasheet Search
  English  ▼

X  

ML6440 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML6440
Description  Multi-Standard 8-bit Adaptive Digital Input Comb Filter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6440 Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML6440 Datasheet HTML 2Page - Micro Linear Corporation ML6440 Datasheet HTML 3Page - Micro Linear Corporation ML6440 Datasheet HTML 4Page - Micro Linear Corporation ML6440 Datasheet HTML 5Page - Micro Linear Corporation ML6440 Datasheet HTML 6Page - Micro Linear Corporation ML6440 Datasheet HTML 7Page - Micro Linear Corporation ML6440 Datasheet HTML 8Page - Micro Linear Corporation ML6440 Datasheet HTML 9Page - Micro Linear Corporation ML6440 Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ML6440
6
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SERIAL BUS LOGIC INPUT
Low Level Input Voltage
0
0.8
V
High Level Input Voltage
VCC – 0.8
VCC
V
Low Level Input Current
VIN = 0V
1.0
µA
High Level Input Current
VIN = VCC D
1.0
µA
Input Impedance
fCLK = 100kHz
1
M
W
Input Capacitance (CIN)2
pF
SYSTEM TIMING
SCLK Frequency (fCLOCK)
100
kHz
Input Hysteresis (VHYS)
0.2
V
Spike Suppression (tSPIKE)
Max length for zero response
50
ns
Power Setup Time to Valid Data Inputs
VCC Settled to Within 1%
10
ms
Wait Time From STOP to START
On SDATA (tWAIT)
1.3
µs
Hold Time for START On SDATA (tHD/START)
0.6
µs
Setup Time for START On SDATA (tSU/START)
0.6
µs
Min LOW Time On SCLK (tLOW)
1.3
µs
Min HIGH Time On SCLK (tHI)
0.6
µs
Hold Time On SDATA (tHD/DATA)
5.0
µs
Setup Time On (tSU/DATA)
Fast mode (Note 4)
100
ns
Slow mode (Note 4)
250
ns
Rise Time for SCLK & SDATA (tLH)
30
300
ns
Fall Time for SCLK & SDATA (tHL)
30
300
ns
Setup Time for STOP On SDATA (tSU/STOP)
0.6
µs
Note 1:
Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.
Note 2:
Supply voltage fed through 7.5
W resistor to all VCC pins.
Note 3:
No bandlimiting is performed on the signal bandwidth when the comb is in the “on” state.
Note 4:
Parameter is luma dependent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com