Electronic Components Datasheet Search
  English  ▼

X  

ML6440 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML6440
Description  Multi-Standard 8-bit Adaptive Digital Input Comb Filter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6440 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML6440 Datasheet HTML 1Page - Micro Linear Corporation ML6440 Datasheet HTML 2Page - Micro Linear Corporation ML6440 Datasheet HTML 3Page - Micro Linear Corporation ML6440 Datasheet HTML 4Page - Micro Linear Corporation ML6440 Datasheet HTML 5Page - Micro Linear Corporation ML6440 Datasheet HTML 6Page - Micro Linear Corporation ML6440 Datasheet HTML 7Page - Micro Linear Corporation ML6440 Datasheet HTML 8Page - Micro Linear Corporation ML6440 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ML6440
5
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIDEO SIGNAL PROCESSING
Effective Luminance Bandwidth
NTSC/PAL, Comb On at –3dB
(Note 3)
NTSC/CCIR601, Comb Off at –3dB
2.5
MHz
NTSC/Sq. Pixel , Comb Off at –3dB
2.5
MHz
PAL/CCIR601 , Comb Off at –3dB
2.5
MHz
PAL /Sq. Pixel, Comb Off at –3dB
2.5
MHz
Effective Chrominance Bandwidth
NTSC/PAL, Comb On at –3dB
(Note 3)
Centered at fSC
NTSC/CCIR601, Comb Off at –3dB
1.0
MHz
NTSC/Sq. Pixel, Comb Off at –3dB
1.0
MHz
PAL/CCIR601, Comb Off at –3dB
1.0
MHz
PAL /Sq. Pixel, Comb Off at –3dB
1.0
MHz
COMB FILTER CHARACTERISTICS
SNRC
Signal to Noise Ratio, Chrominance
Spurious Luma Artifact
NTSC
48
dB
13.5MHz
PAL
45
dB
12.27MHz
SNRL
Signal to Noise Ratio, Luminance
Spurious Subcarrier
NTSC
48
dB
Artifact
13.5MHz
PAL
45
dB
12.27MHz
Comb Notch Depth at fSC
NTSC/PAL
–35
dB
Comb Notch Bandwidth at –30dB
500
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com