Electronic Components Datasheet Search
  English  ▼

X  

ML6440 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6440
Description  Multi-Standard 8-bit Adaptive Digital Input Comb Filter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6440 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6440 Datasheet HTML 1Page - Micro Linear Corporation ML6440 Datasheet HTML 2Page - Micro Linear Corporation ML6440 Datasheet HTML 3Page - Micro Linear Corporation ML6440 Datasheet HTML 4Page - Micro Linear Corporation ML6440 Datasheet HTML 5Page - Micro Linear Corporation ML6440 Datasheet HTML 6Page - Micro Linear Corporation ML6440 Datasheet HTML 7Page - Micro Linear Corporation ML6440 Datasheet HTML 8Page - Micro Linear Corporation ML6440 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
July 1999
PRELIMINARY
ML6440*
Multi-Standard 8-bit Adaptive Digital Input Comb Filter
1
GENERAL DESCRIPTION
The ML6440 SmartComb™ is a single-chip, 8-bit digital
comb filter that incorporates line delays and adaption
algorithms for NTSC and PAL at both CCIR601 and square
pixel rates. The ML6440 implements bandsplit filters and
a proprietary adaption and decision logic block that
allows for optimum combing over a wide range of video
sources.
The ML6440 contains all the necessary circuitry to provide
high quality combed output of luminance and
chrominance in the Y/C format. Internal filters with
integrated adaption and compensation circuits provide
filtered outputs with optimal video bandwidth and
resolution while suppressing cross-color (rainbow), cross-
luminance (dot crawl) and other corrupting artifacts that
can reduce video compression efficiency.
BLOCK DIAGRAM
FEATURES
s
SmartComb algorithm for automatic or manual
selection adaption thresholds
s
3-line comb with 60+ line frame adjust
s
Comb/notch thresholds set dynamically over 60+ lines
automatically
s
12-bit processing minimizes truncation errors and
maintains signal-to-noise performance
s
Optional 8-bit composite or separated Y/C digital inputs
s
Applications: digital TV, line doubler, imaging
s
Separate comb/notch filter thresholds for Luma and
Chroma channels
s
Optional pin controls or two-wire serial control
interface
s
Operating power dissipation less than 700mW
s
No external components, except diode and caps
* This Part Is End Of Life As Of August 1, 2000
CI2/DI2
CI3/DI3
CI4/DI4
CI5/DI5
CI6/DI6
CI7/DI7
S CLK
S DATA
S/P
SmartComb™
COMB
ADAPTION
AND
DECISION
LOGIC
BANDSPLIT
FILTERS
(NOTCH/DELAY)
39
16
VCC
AVCC
VCC
5
C7
C6
C5
C4
C3
40
41
42
43
44
C2
C1
C0
1
2
3
Y7
Y6
Y5
Y4
Y3
30
31
32
33
34
Y2
Y1
Y0
35
36
37
OE
27
29
28
26
GND
GND
GND
38
17
4
10
11
12
CI0/DI0
CI1/DI1
8
9
CLK
RST
7
6
13
14
15
YI2/CV2
YI3/CV3
YI4/CV4
YI5/CV5
YI6/CV6
YI7/CV7
20
21
22
YI0/CV0
YI1/CV1
18
19
23
24
25
FILTER
AND
COMB
CONTROL
CLOCK BUFFER
1HDL
RESET LOGIC
1HDL
HIGH BAND
LOW BAND
HIGH BAND
LOW BAND
TOTAL BAND
CHROMA
BYPASS
HIGH BAND
LOW BAND
CCIR601/SQ. PIXEL MODE
COMB MODE 0
COMB MODE 1
THRESHOLD CONTROL 0
THRESHOLD CONTROL 1
THRESHOLD CONTROL 2
Y+C/CV INPUT MODE
PAL/NTSC MODE
LUMA BYPASS
DIGITAL
DIGITAL
DIGITAL
CONTROL
MUX
D2
D3
D4
D5
D6
D7
D0
D1


Similar Part No. - ML6440

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6401 MICRO-LINEAR-ML6401 Datasheet
554Kb / 10P
8-Bit 20 MSPS A/D Converter
ML6401CS-1 MICRO-LINEAR-ML6401CS-1 Datasheet
554Kb / 10P
8-Bit 20 MSPS A/D Converter
ML6401CS-3 MICRO-LINEAR-ML6401CS-3 Datasheet
554Kb / 10P
8-Bit 20 MSPS A/D Converter
ML6411 MICRO-LINEAR-ML6411 Datasheet
244Kb / 24P
Programmable Video Digitizer with Selectable Gain and Clamps
logo
Mitsubishi Electric Sem...
ML64114R MITSUBISHI-ML64114R Datasheet
120Kb / 3P
AIGaAs LASER DIODES?
More results

Similar Description - ML6440

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
logo
Sony Corporation
CXD2043Q SONY-CXD2043Q Datasheet
157Kb / 11P
Digital Comb Filter (NTSC)
CXD2073Q SONY-CXD2073Q Datasheet
160Kb / 11P
Digital Comb Filter (NTSC)
CXD2073S SONY-CXD2073S Datasheet
144Kb / 11P
Digital Comb Filter (NTSC)
logo
Fairchild Semiconductor
TMC22X5YA FAIRCHILD-TMC22X5YA Datasheet
417Kb / 84P
Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
NXP Semiconductors
SAF7118 PHILIPS-SAF7118 Datasheet
950Kb / 173P
Multistandard video decoder with adaptive comb filter and component video input
2004 Jul 22
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
Jul-2003
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
Dec-2004
logo
Cadeka Microcircuits LL...
TMC22X5YA CADEKA-TMC22X5YA Datasheet
554Kb / 84P
Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
Renesas Technology Corp
TW9906 RENESAS-TW9906 Datasheet
201Kb / 2P
3x10-bit Multi-Standard Comb Filter Video Decoder with YCbCr Component Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com