Electronic Components Datasheet Search
  English  ▼

X  

ML6440 Datasheet(PDF) 11 Page - Micro Linear Corporation

Part # ML6440
Description  Multi-Standard 8-bit Adaptive Digital Input Comb Filter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6440 Datasheet(HTML) 11 Page - Micro Linear Corporation

Back Button ML6440 Datasheet HTML 7Page - Micro Linear Corporation ML6440 Datasheet HTML 8Page - Micro Linear Corporation ML6440 Datasheet HTML 9Page - Micro Linear Corporation ML6440 Datasheet HTML 10Page - Micro Linear Corporation ML6440 Datasheet HTML 11Page - Micro Linear Corporation ML6440 Datasheet HTML 12Page - Micro Linear Corporation ML6440 Datasheet HTML 13Page - Micro Linear Corporation ML6440 Datasheet HTML 14Page - Micro Linear Corporation ML6440 Datasheet HTML 15Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ML6440
11
internal data register low (D[7:0]=0) which defaults to
automatic combing of NTSC/CCIR601 composite video.
The Y+C/CV selection bit, D7, controls whether Y+C or CV
format is the source for the comb filter. Setting this bit low
selects the composite input pins, which is combed by
default. Setting the bit high selects the Y+C inputs as the
source for video (see bypass section). This source is not
combed and the Y+C inputs are not activated until the S/P
pin is rising-edge triggered.
Adaption thresholds 2 through 0 are D6 through D4,
respectively. These set the adaption behavior from
automatic (D[6:4]=000) to one of seven settings ranging
from fine tuning of computer graphics to photographic
images. See Table 4.
Comb modes 1 and 0, (D3 and D2, respectively) are used
to enable and disable adaption separately on Y and C
data. For NTSC, if D[3:2]=<00>, then Y is adaptive and C
is always combed. For NTSC, if D[3:2]=<01>, both Y and
C are adaptive. For PAL, if D[3:2]=<00>, then both Y and
C are adaptive. For PAL, if D[3:2]=<01>, then Y is
adaptive and C is combed. For NTSC and PAL, if
D[3:2]=<10>, then Y and C are forced to comb mode. For
NTSC and PAL, if D[3:2]=<11>, then both Y and C are in
bandsplit filtering mode only. See Table 5.
The D1 bit sets the choice of data rates between CCIR601
and Square pixel. CCIR601 is active low. Square pixel is
active high. The last bit, D0, select the standard, NTSC or
PAL. NTSC is active low. PAL is active high. See Table 2.
The remaining pin function controls are independent of
the data register: CLK, RST, and OE. The CLK pin requires
a clock at the rates listed in Table 2. Its duty cycle must
meet the duration minimum for high and low.
The RST pin resets the comb logic including the internal
data register on active low but does not clear the line
delays. This part requires a timed reset pulse. On power
up or at any time a return to automatic combing of NTSC/
CCIR601 composite video is required the reset pin must
have been high for at least 5 micro seconds. Then taken
low for at least one micro second before returning high
again to resume normal operation. Neither pulse width
nor rise and fall times are critical.
In most applications a microprocessor will be available to
provide timing and control waveforms. It will provide this
reset pulse and if needed set the appropriate comb filter
mode. In non processor systems an R C network can
provide this reset pulse. See Figure 5.
CHROMA AND LUMA BYPASS OPERATION
This mode can be activated by setting the internal bit
D7 = 1 either through the serial or parallel programming
modes. Once the register is set (D7 = 1), the comb filter
will look at the inputs for luma on the CV[7:0] pins for a
luma bypass to the outputs of the Y[7:0] pins respectively;
as well as inputs for chroma on the CI/DI[7:0] pins for a
chroma bypass to the outputs of the C[7:0] pins
respectively. The comb filter will continue to look at the
inputs as long as D7 is set high.
Data presented to the inputs (CI/DI[7:0]) is not interrupted
in the color processing path when S/P is held high or low.
Therefore, it is recommended that S/P activity be limited to
sync or blanking intervals in the video to avoid unwanted
visual artifacts during register programming.
Clock Timing
Figure 6 depicts digital video input and output timing for
valid data.
FUNCTIONAL DESCRIPTION (Continued)
Y OR C DATA
60%
20ns
15ns
0ns
Y OR C DATA
Y/C OUTPUT
CV INPUT
13.5MHz CLOCK
CV DATA
40%
CV DATA
Figure 6: Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com