Electronic Components Datasheet Search
  English  ▼

X  

ML6440 Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML6440
Description  Multi-Standard 8-bit Adaptive Digital Input Comb Filter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6440 Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML6440 Datasheet HTML 6Page - Micro Linear Corporation ML6440 Datasheet HTML 7Page - Micro Linear Corporation ML6440 Datasheet HTML 8Page - Micro Linear Corporation ML6440 Datasheet HTML 9Page - Micro Linear Corporation ML6440 Datasheet HTML 10Page - Micro Linear Corporation ML6440 Datasheet HTML 11Page - Micro Linear Corporation ML6440 Datasheet HTML 12Page - Micro Linear Corporation ML6440 Datasheet HTML 13Page - Micro Linear Corporation ML6440 Datasheet HTML 14Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ML6440
10
to the video content of the last 60+ lines (frames) of video
—a frame weighing function— to determine the best
filtering approach of the current video content. Finally, 1
of 7 thresholds can be chosen to adjust either real-time
(automatically) by the ML6440 itself or fixed manually by
design. An internal 12-bit analysis is used for the filtering
algorithm. An additional fader circuit is included to
"smooth" the transitions between comb and notch filtering.
In NTSC, every other line of chroma is inverted while
there are no changes in luma (assuming there is no change
in color between adjacent lines). This permits data to be
added from the first stored line of data with the third line
of active high-band video data, each with a scaling of
0.25, and add the second stored line of data with a scaling
of 0.50. The result contains no chroma, only luma
information. Subtracting this information from the high-
band signal yields only chroma information.
In PAL, each line of data rotates the phase of the chroma
by 90 degrees. Therefore, by adding the first line of stored
high-band information from the active third line, the
chroma is canceled, leaving only luma information. Once
again, this information is subtracted with the appropriate
amplitude scaling from the original highband information
to yield only chroma.
In bandsplit (notch) filtering and luma peaking, the digital
bandsplit filter is used as an alternate filter when the
SmartComb algorithm determines that the comb filter
output signal would be contaminated with cross chroma
artifacts. To maintain a reasonable amount of apparent
resolution in the luminance signal, luma peaking is
applied. This helps maintain image quality in the portion
of the video image where comb filtering would generate
artifacts.
The ML6440 SmartComb provides a real-time filtering
algorithm solution (automatic mode) for a wide variety of
video sources without the shortcomings of using fixed
thresholds (manual mode). The automatic threshold
tracking circuit responds quickly, adjusting itself in about
1/300th of a second (about 60 lines). The transition from
the comb to the digital bandsplit is made with a
continuous digital fader to prevents switching glitches.
The bandsplit-notch and comb filters were designed to
reduce color bar peak-to-peak dot edge crawl to <7.5%
for 75% color bars. Peak-to-peak cross color on the white
bar edge was designed to be <1% with 75% color bars.
SERIAL PROGRAM MODE
In Serial Program Mode, the comb filter can be controlled
with the serial interface. Control inputs may be clocked in
serially with S DATA and S CLK , when S/P is low. Serial
bus transfers require an 8-bit address followed by 8-bits of
data for the internal data register. The pattern is described
in Tables 1 through 5.
The serial bus control in the ML6440 has one level of
addressing followed by control register programming.
Figure 2 shows the physical waveforms generated in order
to address the ML6440. There are six basic parts of the
waveform:
1. Start indication: Clock Cycle 0
2. Device address shifted in: Clock Cycle 1 thru 8
3. Device address strobed /decoded: Clock Cycle 9
4. Data shifted in: Clock Cycle 10 thru 17
5. Data strobed to appropriate register: Clock Cycle 18
6. Stop indication: Clock Cycle 19
PARALLEL PROGRAM MODE
In Parallel Program Mode, the CI/DI[7:0] pins act as
programming pins for the internal 8-bit register (D[7:0])
such that CI7/DI7=D7, CI6/DI6=D6, ... CI0/DI0=D0. In
the parallel mode, the S/P serves as a rising edge-triggered
strobe pin for the internal registers of D[7:0]. When S/P
goes from low to high, data applied to the inputs (CI/
DI[7:0]), is loaded into the internal 8-bit register D[7:0]
directly. A transition on the S/P pin back to low will
reactivate the serial mode. If the S/P is held at a high, the
serial mode is inactive.
CONTROL REGISTER, D[7:0]
The internal register, D[7:0], controls the following
functions within the ML6440. Again, this register can be
programmed through either a serial or parallel interface.
The RST acts as a reset pin, forcing all the bits of the
FUNCTIONAL DESCRIPTION (Continued)
Figure 5: Reset Timing
POWER ON
AT LEAST 5µs HIGH
AT LEAST 1µs LOW
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com