Electronic Components Datasheet Search
  English  ▼

X  

LMZ22005 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ22005
Description  5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ22005 Datasheet(HTML) 4 Page - Texas Instruments

  LMZ22005 Datasheet HTML 1Page - Texas Instruments LMZ22005 Datasheet HTML 2Page - Texas Instruments LMZ22005 Datasheet HTML 3Page - Texas Instruments LMZ22005 Datasheet HTML 4Page - Texas Instruments LMZ22005 Datasheet HTML 5Page - Texas Instruments LMZ22005 Datasheet HTML 6Page - Texas Instruments LMZ22005 Datasheet HTML 7Page - Texas Instruments LMZ22005 Datasheet HTML 8Page - Texas Instruments LMZ22005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LMZ22005
SNVS686J – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
VIN to PGND
–0.3
24
V
EN, SYNC to AGND
–0.3
5.5
V
SS/TRK, FB to AGND
–0.3
2.5
V
AGND to PGND
–0.3
0.3
V
Junction temperature
150
°C
Peak reflow case temperature (30 sec)
245
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
For soldering specifications, refer to the following document: SNOA549
6.2 ESD Ratings
VALUE
UNIT
Electrostatic
V(ESD)
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
discharge
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
6
20
V
EN, SYNC
0
5
V
Operation junction temperature
–40
125
°C
6.4 Thermal Information
LMZ22005
THERMAL METRIC(1)
NDW
UNIT
7 PINS
4-layer Evaluation Printed-Circuit-Board,
19.3
60 vias, No air flow
Junction-to-ambient thermal
RθJA
°C/W
resistance(2)
2-layer JEDEC Printed-Circuit-Board,
21.5
No air flow
Junction-to-case (top) thermal
RθJC(top)
No air flow
1.9
°C/W
resistance
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Theta JA measured on a 3.5-in × 3.5-in 4-layer board, with 3-oz. copper on outer layers and 2-oz. copper on inner layers, sixty thermal
vias, no air flow, and 1-W power dissipation. Refer to application note layout diagrams.
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ22005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com