Electronic Components Datasheet Search
  English  ▼

X  

LMZ22005 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ22005
Description  5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ22005 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMZ22005 Datasheet HTML 18Page - Texas Instruments LMZ22005 Datasheet HTML 19Page - Texas Instruments LMZ22005 Datasheet HTML 20Page - Texas Instruments LMZ22005 Datasheet HTML 21Page - Texas Instruments LMZ22005 Datasheet HTML 22Page - Texas Instruments LMZ22005 Datasheet HTML 23Page - Texas Instruments LMZ22005 Datasheet HTML 24Page - Texas Instruments LMZ22005 Datasheet HTML 25Page - Texas Instruments LMZ22005 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
0
200
400
600
800
1000
0
10
20
30
40
50
FREQUENCY (MHz)
Class A Limit
Class B Limit
Horiz Peak
Horiz Quasi-Peak
0
1
2
3
4
5
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
OUTPUT CURRENT (A)
30 40 50 60 70 80 90 100 110 120 130
0
1
2
3
4
5
6
AMBIENT TEMPERATURE (°C)
JA=12°C/W
LMZ22005
SNVS686J – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
If the output current IO is determined by assuming that IO = IL, the higher and lower peak of ILR can be
determined.
8.2.3 Application Curves
VIN = 12 V, VOUT = 5 V
VIN = 12 V, VOUT = 5 V
Figure 49. Efficiency
Figure 50. Thermal Derating Curve
Figure 51. Radiated EMI (EN 55022) of Demo Board (See AN-2125)
9 Power Supply Recommendations
The LMZ22005 device is designed to operate from an input voltage supply range between 6 V and 20 V. This
input supply must be well regulated and able to withstand maximum input current and maintain a stable voltage.
The resistance of the input supply rail must be low enough that an input current transient does not cause a high
enough drop at the LMZ22005 supply voltage that can cause a false UVLO fault triggering and system reset. If
the input supply is more than a few inches from the LMZ22005, additional bulk capacitance may be required in
addition to the ceramic bypass capacitors. The amount of bulk capacitance is not critical, but a 47-
μF or 100-μF
electrolytic capacitor is a typical choice.
22
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ22005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com