Electronic Components Datasheet Search
  English  ▼

X  

LMZ22005 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ22005
Description  5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ22005 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LMZ22005 Datasheet HTML 21Page - Texas Instruments LMZ22005 Datasheet HTML 22Page - Texas Instruments LMZ22005 Datasheet HTML 23Page - Texas Instruments LMZ22005 Datasheet HTML 24Page - Texas Instruments LMZ22005 Datasheet HTML 25Page - Texas Instruments LMZ22005 Datasheet HTML 26Page - Texas Instruments LMZ22005 Datasheet HTML 27Page - Texas Instruments LMZ22005 Datasheet HTML 28Page - Texas Instruments LMZ22005 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
LMZ22005
www.ti.com
SNVS686J – MARCH 2011 – REVISED AUGUST 2015
Layout Examples (continued)
Figure 55. Bottom View Demonstration Board
10.3 Power Dissipation and Thermal Considerations
When calculating module dissipation use the maximum input voltage and the average output current for the
application. Many common operating conditions are provided in the characteristic curves such that less common
applications can be derived through interpolation. In all designs, the junction temperature must be kept below the
rated maximum of 125°C.
For the design case of VIN = 12 V, VO = 3.3 V, IO = 5 A, and TAMB(MAX) = 85°C, the module must see a thermal
resistance from case to ambient of less than:
RθCA< (TJ-MAX – TA-MAX) / PIC-LOSS – RθJC
(15)
Given the typical thermal resistance from junction to case to be 1.9°C/W. Use the 85°C power dissipation curves
in the Typical Characteristics section to estimate the PIC-LOSS for the application being designed. In this
application it is 4.3W.
RθCA = (125 – 85) / 4.3 W – 1.9 = 7.4
(16)
To reach RθCA = 7.4, the PCB is required to dissipate heat effectively. With no airflow and no external heat-sink,
a good estimate of the required board area covered by 2-oz. copper on both the top and bottom metal layers is:
Board_Area_cm
2 = 500°C x cm2/W / R
θCA
(17)
As a result, approximately 67 square cm of 2-oz. copper on top and bottom layers is required for the PCB
design. The PCB copper heat sink must be connected to the exposed pad. Approximately sixty, 8 mils thermal
vias spaced 39 mils (1.0 mm) apart connect the top copper to the bottom copper. For an example of a high
thermal performance PCB layout for SIMPLE SWITCHER power modules, refer to AN-2085 (SNVA457), AN-
2125 (SNVA437), AN-2020 (SNVA419) and AN-2026 (SNVA424).
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LMZ22005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com