Electronic Components Datasheet Search
  English  ▼

X  

LMZ22005 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ22005
Description  5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ22005 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMZ22005 Datasheet HTML 16Page - Texas Instruments LMZ22005 Datasheet HTML 17Page - Texas Instruments LMZ22005 Datasheet HTML 18Page - Texas Instruments LMZ22005 Datasheet HTML 19Page - Texas Instruments LMZ22005 Datasheet HTML 20Page - Texas Instruments LMZ22005 Datasheet HTML 21Page - Texas Instruments LMZ22005 Datasheet HTML 22Page - Texas Instruments LMZ22005 Datasheet HTML 23Page - Texas Instruments LMZ22005 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
1.07k
Rfbb
2.26k
Rfbt
107
Rtkb
226
Rtkt
SS/TRK
3.3V Master
FB
2.5Vout
50 2A
Int VCC
LMZ22005
SNVS686J – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
8.2.2.4 Soft-start Capacitor Selection
Programmable soft-start permits the regulator to slowly ramp to its steady-state operating point after being
enabled, thereby reducing current inrush from the input supply and slowing the output voltage rise-time.
Upon turnon, after all UVLO conditions have been passed, an internal 2-ms circuit slowly ramps the SS/TRK
input to implement internal soft-start. If 1.6 ms is an adequate turnon time then the CSS capacitor can be left
unpopulated. Longer soft-start periods are achieved by adding an external capacitor to this input.
Soft-start duration is given by the formula:
tSS = VREF × CSS / Iss = 0.796 V × CSS / 50 µA
(6)
This equation can be rearranged as follows:
CSS = tSS × 50 μA / 0.796 V
(7)
Using a 0.22-
μF capacitor results in 3.5-ms typical soft-start duration; and 0.47 μF results in 7.5-ms typical. 0.47
μF is a recommended initial value.
Once the soft-start input exceeds 0.796 V the output of the power stage will be in regulation and the 50-
μA
current is deactivated. The following conditions will reset the soft-start capacitor by discharging the SS input to
ground with an internal current sink.
•
The Enable input being pulled low
•
Thermal shutdown condition
•
Internal VCC UVLO (Approx 4.3V input to VIN)
8.2.2.5 Tracking Supply Divider Option
The tracking function allows the module to be connected as a slave supply to a primary voltage rail (often the
3.3-V system rail) where the slave module output voltage is lower than that of the master. Proper configuration
allows the slave rail to power up coincident with the master rail such that the voltage difference between the rails
during ramp-up is small (that is, <0.15 V typical). The values for the tracking resistive divider must be selected
such that the effect of the internal 50-µA current source is minimized. In most cases the ratio of the tracking
divider resistors is the same as the ratio of the output voltage setting divider. Proper operation in tracking mode
dictates the soft-start time of the slave rail be shorter than the master rail; a condition that is easy satisfy
because the CSS cap is replaced by RTKB. The tracking function is only supported for the power up interval of the
master supply; once the SS/TRK rises past 0.8V the input is no longer enabled and the 50-µA internal current
source is switched off.
Figure 48. Tracking Option Input Detail
8.2.2.6 CO Selection
None of the required CO output capacitance is contained within the module. A minimum value of 200 μF is
required based on the values of internal compensation in the error amplifier. Low ESR tantalum, organic
semiconductor or specialty polymer capacitor types are recommended for obtaining lowest ripple. The output
capacitor CO may consist of several capacitors in parallel placed in close proximity to the module. The output
capacitor assembly must also meet the worst case minimum ripple current rating of 0.5 × ILRP-P, as calculated in
Equation 14. Beyond that, additional capacitance will reduce output ripple so long as the ESR is low enough to
permit it. Loop response verification is also valuable to confirm closed loop behavior.
20
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ22005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com