Electronic Components Datasheet Search
  English  ▼

X  

LMZ22005 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ22005
Description  5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ22005 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMZ22005 Datasheet HTML 10Page - Texas Instruments LMZ22005 Datasheet HTML 11Page - Texas Instruments LMZ22005 Datasheet HTML 12Page - Texas Instruments LMZ22005 Datasheet HTML 13Page - Texas Instruments LMZ22005 Datasheet HTML 14Page - Texas Instruments LMZ22005 Datasheet HTML 15Page - Texas Instruments LMZ22005 Datasheet HTML 16Page - Texas Instruments LMZ22005 Datasheet HTML 17Page - Texas Instruments LMZ22005 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
1
3
FB
1
Linear
Regulator
2M
3.3 uH
CBST
EN
AGND
Regulator IC
CSS
Internal Passives
VOUT
CINint
CO
SYNC
EP/
PGND
Comp
CIN
RFBB
SS/TRK
VREF
1
VIN
800 kHz
PWM
RFBT
LMZ22005
SNVS686J – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
7 Detailed Description
7.1 Overview
The architecture used is an internally compensated emulated peak current mode control, based on a monolithic
synchronous SIMPLE SWITCHER core capable of supporting high load currents. The output voltage is
maintained through feedback compared with an internal 0.8-V reference. For emulated peak current-mode, the
valley current is sampled on the down-slope of the inductor current. This is used as the DC value of current to
start the next cycle.
The primary application for emulated peak current-mode is high input voltage to low output voltage operating at a
narrow duty cycle. By sampling the inductor current at the end of the switching cycle and adding an external
ramp, the minimum ON-time can be significantly reduced, without the need for blanking or filtering which is
normally required for peak current-mode control.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Synchronization Input
The PWM switching frequency can be synchronized to an external frequency source. If this feature is not used,
connect this input either directly to ground, or connect to ground through a resistor of 1.5 k
Ω or less. The allowed
synchronization frequency range is 650 kHz to 950 kHz. The typical input threshold is 1.4-V transition level.
Ideally the input clock must overdrive the threshold by a factor of 2, so direct drive from 3.3-V logic through a 1.5-
k
Ω Thevenin source resistance is recommended.
NOTE
Applying a sustained logic 1 corresponds to zero Hz PWM frequency and will cause the
module to stop switching.
7.3.2 Output Overvoltage Protection
If the voltage at FB is greater than the 0.86-V internal reference the output of the error amplifier is pulled toward
ground causing VO to fall.
14
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ22005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com