Electronic Components Datasheet Search
  English  ▼

X  

LMZ22005 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ22005
Description  5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ22005 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMZ22005 Datasheet HTML 19Page - Texas Instruments LMZ22005 Datasheet HTML 20Page - Texas Instruments LMZ22005 Datasheet HTML 21Page - Texas Instruments LMZ22005 Datasheet HTML 22Page - Texas Instruments LMZ22005 Datasheet HTML 23Page - Texas Instruments LMZ22005 Datasheet HTML 24Page - Texas Instruments LMZ22005 Datasheet HTML 25Page - Texas Instruments LMZ22005 Datasheet HTML 26Page - Texas Instruments LMZ22005 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
VIN
GND
VIN
VO
Cin1
CO1
Loop 1
Loop 2
VOUT
High
di/dt
LMZ22005
www.ti.com
SNVS686J – MARCH 2011 – REVISED AUGUST 2015
10 Layout
10.1 Layout Guidelines
PCB layout is an important part of DC-DC converter design. Poor board layout can disrupt the performance of a
DC-DC converter and surrounding circuitry by contributing to EMI, ground bounce and resistive voltage drop in
the traces. These can send erroneous signals to the DC-DC converter resulting in poor regulation or instability.
Good layout can be implemented by following a few simple design rules. A good example layout is shown in
Figure 54.
1. Minimize area of switched current loops.
From an EMI reduction standpoint, it is imperative to minimize the high di/dt paths during PCB layout as
shown in Figure 52. The high current loops that do not overlap have high di/dt content that will cause
observable high frequency noise on the output pin if the input capacitor (CIN1) is placed at a distance away
from the LMZ22005. Therefore place CIN1 as close as possible to the LMZ22005 VIN and PGND exposed
pad. This will minimize the high di/dt area and reduce radiated EMI. Additionally, grounding for both the input
and output capacitor should consist of a localized top side plane that connects to the PGND exposed pad
(EP).
2. Have a single point ground.
The ground connections for the feedback, soft-start, and enable components should be routed to the AGND
pin of the device. This prevents any switched or load currents from flowing in the analog ground traces. If not
properly handled, poor grounding can result in degraded load regulation or erratic output voltage ripple
behavior. Additionally provide the single point ground connection from pin 4 (AGND) to EP/PGND.
3. Minimize trace length to the FB pin.
Both feedback resistors, RFBT and RFBB, and the feed-forward capacitor CFF, must be located close to the FB
pin. Since the FB node is high impedance, maintain the copper area as small as possible. The traces from
RFBT, RFBB, and CFF must be routed away from the body of the LMZ22005 to minimize possible noise pickup.
4. Make input and output bus connections as wide as possible.
This reduces any voltage drops on the input or output of the converter and maximizes efficiency. To optimize
voltage accuracy at the load, ensure that a separate feedback voltage sense trace is made to the load. Doing
so will correct for voltage drops and provide optimum output accuracy.
5. Provide adequate device heat-sinking.
Use an array of heat-sinking vias to connect the exposed pad to the ground plane on the bottom PCB layer.
If the PCB has a plurality of copper layers, these thermal vias can also be employed to make connection to
inner layer heat-spreading ground planes. For best results use a 6 × 10 via array with a minimum via
diameter of 8 mils thermal vias spaced 39 mils (1.0 mm). Ensure enough copper area is used for heat-
sinking to keep the junction temperature below 125°C.
10.2 Layout Examples
Figure 52. Critical Current Loops to Minimize
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMZ22005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com