Electronic Components Datasheet Search
  English  ▼

X  

LMZ22005 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ22005
Description  5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ22005 Datasheet(HTML) 5 Page - Texas Instruments

  LMZ22005 Datasheet HTML 1Page - Texas Instruments LMZ22005 Datasheet HTML 2Page - Texas Instruments LMZ22005 Datasheet HTML 3Page - Texas Instruments LMZ22005 Datasheet HTML 4Page - Texas Instruments LMZ22005 Datasheet HTML 5Page - Texas Instruments LMZ22005 Datasheet HTML 6Page - Texas Instruments LMZ22005 Datasheet HTML 7Page - Texas Instruments LMZ22005 Datasheet HTML 8Page - Texas Instruments LMZ22005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LMZ22005
www.ti.com
SNVS686J – MARCH 2011 – REVISED AUGUST 2015
6.5 Electrical Characteristics
Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following
conditions apply: VIN = 12 V, VOUT = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
SYSTEM PARAMETERS
ENABLE CONTROL
VEN rising, TJ = 25°C
1.279
VEN
EN threshold trip point
V
VEN rising, TJ = –40°C to +125°C
1.1
1.458
VEN-HYS
EN input hysteresis current
VEN > 1.279 V
21
µA
SOFT-START
VSS = 0 V, TJ = 25°C
50
ISS
SS source current
µA
VSS = 0 V, TJ = –40°C to +125°C
40
60
tSS
Internal soft-start interval
1.6
ms
CURRENT LIMIT
ICL
Current limit threshold
DC average, TJ = –40°C to +125°C
5.4
A
INTERNAL SWITCHING OSCILLATOR
Free-running oscillator
fosc
Sync input connected to ground.
711
812
914
kHz
frequency
fsync
Synchronization range
650
950
kHz
Synchronization logic zero
VIL-sync
Relative to AGND, TJ = –40°C to +125°C
0.4
V
amplitude
Synchronization logic one
VIH-sync
Relative to AGND, TJ = –40°C to +125°C
1.5
V
amplitude
Synchronization duty cycle
Sync dc
15%
50%
85%
range
Dmax
Maximum Duty Factor
83%
REGULATION AND OVERVOLTAGE COMPARATOR
VSS >+ 0.8 V, IO = 3 A, TJ = 25°C
0.796
VFB
In-regulation feedback voltage
V
VSS >+ 0.8 V, IO = 3 A,
0.776
0.816
TJ = –40°C to +125°C
Feedback overvoltage
VFB-OV
0.86
V
protection threshold
IFB
Feedback input bias current
5
nA
IQ
Non-switching input current
VFB = 0.86 V
2.6
mA
ISD
Shutdown quiescent current
VEN = 0 V
70
μA
THERMAL CHARACTERISTICS
TSD
Thermal shutdown
Rising
165
°C
TSD-HYST
Thermal shutdown hysteresis
Falling
15
°C
PERFORMANCE PARAMETERS(3)
Cout = 220 µF with 7 mΩ ESR + 100 µF
ΔVO
Output voltage ripple
9
mVPP
X7R + 2 x 0.047 µF BW at 20 MHz
ΔVO/ΔVIN
Line regulation
VIN = 12 V to 20 V, IO= 0.001 A
±0.02%
ΔVO/ΔIOUT
Load regulation
VIN = 12 V, IO= 0.001 A to 3 A
1
mV/A
η
Peak efficiency
VIN = 12 V, VO = 3.3 V, IO = 1 A
86%
η
Full load efficiency
VIN = 12 V VO = 3.3 V, IO = 3 A
81.5%
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
Refer to BOM in Table 1.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ22005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com