Electronic Components Datasheet Search
  English  ▼

X  

MT9V024 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MT9V024
Description  Wide-VGA CMOS Digital Image Sensor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MT9V024 Datasheet HTML 6Page - ON Semiconductor MT9V024 Datasheet HTML 7Page - ON Semiconductor MT9V024 Datasheet HTML 8Page - ON Semiconductor MT9V024 Datasheet HTML 9Page - ON Semiconductor MT9V024 Datasheet HTML 10Page - ON Semiconductor MT9V024 Datasheet HTML 11Page - ON Semiconductor MT9V024 Datasheet HTML 12Page - ON Semiconductor MT9V024 Datasheet HTML 13Page - ON Semiconductor MT9V024 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
MT9V024_DSRev. G Pub. 4/15 EN
9
©Semiconductor Components Industries, LLC, 2015.
MT9V024: 1/3-Inch Wide-VGA Digital Image Sensor
Pixel Data Format
Pixel Data Format
Pixel Array Structure
The MT9V024 pixel array is configured as 809 columns by 499 rows, shown in Figure 4.
The dark pixels are optically black and are used internally to monitor black level. Of the
left 52 columns, 36 are dark pixels used for row noise correction. Of the top 14 rows of
pixels, two of the dark rows are used for black level correction. Also, three black rows
from the top black rows can be read out by setting the show dark rows bit in the Read
Mode register; setting show dark columns will display the 36 dark columns. There are
753 columns by 481 rows of optically active pixels. While the sensor's format is 752 x 480,
one additional active column and active row are included for use when horizontal or
vertical mirrored readout is enabled, to allow readout to start on the same pixel. This one
pixel adjustment is always performed, for monochrome or color versions. The active
area is surrounded with optically transparent dummy pixels to improve image unifor-
mity within the active area. Neither dummy pixels nor barrier pixels can be read out.
Figure 4:
Pixel Array Description
(0, 0)
3 barrier + 38 (1 + 36 addressed + 1) dark
+ 9 barrier + 2 light dummy
2 barrier + 2 light dummy
2 barrier + 2 light dummy
active pixel
light dummy pixel
dark pixel
barrier pixel
4.92 x 3.05mm2
Pixel Array
809 x 499 (753 x 481 active)
6.0μm pixel
2 barrier + 8 (2 + 4 addressed + 2) dark + 2 barrier + 2 light dummy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com