Electronic Components Datasheet Search
  English  ▼

X  

MT9V024 Datasheet(PDF) 37 Page - ON Semiconductor

Part # MT9V024
Description  Wide-VGA CMOS Digital Image Sensor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 Datasheet(HTML) 37 Page - ON Semiconductor

Back Button MT9V024 Datasheet HTML 33Page - ON Semiconductor MT9V024 Datasheet HTML 34Page - ON Semiconductor MT9V024 Datasheet HTML 35Page - ON Semiconductor MT9V024 Datasheet HTML 36Page - ON Semiconductor MT9V024 Datasheet HTML 37Page - ON Semiconductor MT9V024 Datasheet HTML 38Page - ON Semiconductor MT9V024 Datasheet HTML 39Page - ON Semiconductor MT9V024 Datasheet HTML 40Page - ON Semiconductor MT9V024 Datasheet HTML 41Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
MT9V024_DSRev. G Pub. 4/15 EN
36
©Semiconductor Components Industries, LLC, 2015.
MT9V024: 1/3-Inch Wide-VGA Digital Image Sensor
Feature Description
Black Level Calibration
Black level calibration is controlled by:
•Frame Dark Average: R0x42
• Dark Average Thresholds: R0x46
• Black Level Calibration Control: R0x47
• Black Level Calibration Value: R0x48
• Black Level Calibration Value Step Size: R0x4C
The MT9V024 has automatic black level calibration on-chip, and if enabled, its result
may be used in the offset correction shown in Figure 28.
Figure 28:
Black Level Calibration Flow Chart
The automatic black level calibration measures the average value of pixels from 2 dark
rows (1 dark row if row bin 4 is enabled) of the chip. (The pixels are averaged as if they
were light-sensitive and passed through the appropriate gain.)
This row average is then digitally low-pass filtered over many frames (R0x47, bits 7:5) to
remove temporal noise and random instabilities associated with this measurement.
Then, the new filtered average is compared to a minimum acceptable level, low
threshold, and a maximum acceptable level, high threshold.
If the average is lower than the minimum acceptable level, the offset correction voltage
is increased by a programmable offset LSB in R0x4C. (Default step size is 2 LSB Offset = 1
ADC LSB at analog gain = 1X.)
If it is above the maximum level, the offset correction voltage is decreased by 2 LSB
(default).
To avoid oscillation of the black level from below to above, the region the thresholds
should be programmed so the difference is at least two times the offset DAC step size.
In normal operation, the black level calibration value/offset correction value is calcu-
lated at the beginning of each frame and can be read through the two-wire serial inter-
face from R0x48. This register is an 8-bit signed two’s complement value.
However, if R0x47, bit 0 is set to “1,” the calibration value in R0x48 is used rather than the
automatic black level calculation result. This feature can be used in conjunction with the
“show dark rows” feature (R0x0D[6]) if using an external black level calibration circuit.
Pixel Output
(reset minus signal)
Offset Correction
Voltage (R0x48 or
result of BLC)
10 (12) bit ADC
ADC Data
(9:0)
Gain Selection
(R0x35 or R0x36 or
result of AGC)
VREF
(R0x2C)
C2
C1
Σ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com