Electronic Components Datasheet Search
  English  ▼

X  

TPS65276VRHHT Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65276VRHHT
Description  4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65276VRHHT Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS65276VRHHT Datasheet HTML 24Page - Texas Instruments TPS65276VRHHT Datasheet HTML 25Page - Texas Instruments TPS65276VRHHT Datasheet HTML 26Page - Texas Instruments TPS65276VRHHT Datasheet HTML 27Page - Texas Instruments TPS65276VRHHT Datasheet HTML 28Page - Texas Instruments TPS65276VRHHT Datasheet HTML 29Page - Texas Instruments TPS65276VRHHT Datasheet HTML 30Page - Texas Instruments TPS65276VRHHT Datasheet HTML 31Page - Texas Instruments TPS65276VRHHT Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
N: Not Acknowledge
A: Acknowledge
S: Start
P: Stop
Sr: Repeated Start
System Host
Chip
S
7-Bit Slave Address
0
A
Register1 Address
A Sr
1
7-Bit Slave Address
A
Data Byte
N P
S
7-Bit Slave Address
0
A
Register Address
A
Data Byte
A P
TPS65276V
SLVSBW0B – FEBRUARY 2013 – REVISED JANUARY 2014
www.ti.com
TPS65276V I
2C Update Sequence
The TPS65276V requires a start condition, a valid I2C address, a register address byte, and a data byte for a
single update. After the receipt of each byte, TPS65276V device acknowledges by pulling the SDA line low
during the high period of a single clock pulse. A valid I2C address selects the TPS65276V. TPS65276V performs
an update on the falling edge of the LSB byte.
When the TPS65276V is in hardware shutdown (EN1 and EN2 pin tied to ground) the device can not be updated
via the I2C interface. Conversely, the I2C interface is fully functional during software shutdown (EN1 and EN2 bit
= 0).
Figure 38. I2C Write Data Format
Figure 39. I2C Read Data Format
Register Description
Register descriptions are shown in the below tables.
Table 2. Register Addresses
NAME
BITS
ADDRESS
Vout1_SEL
8
0x00H
Vout2_SEL
8
0x01H
Vout1_COM
8
0x02H
Vout2_COM
8
0x03H
Sys_STATUS
8
0x04H
28
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPS65276V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com