Electronic Components Datasheet Search
  English  ▼

X  

TPS65276VRHHT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65276VRHHT
Description  4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65276VRHHT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS65276VRHHT Datasheet HTML 10Page - Texas Instruments TPS65276VRHHT Datasheet HTML 11Page - Texas Instruments TPS65276VRHHT Datasheet HTML 12Page - Texas Instruments TPS65276VRHHT Datasheet HTML 13Page - Texas Instruments TPS65276VRHHT Datasheet HTML 14Page - Texas Instruments TPS65276VRHHT Datasheet HTML 15Page - Texas Instruments TPS65276VRHHT Datasheet HTML 16Page - Texas Instruments TPS65276VRHHT Datasheet HTML 17Page - Texas Instruments TPS65276VRHHT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
3.15
3.17
3.19
3.21
3.23
3.25
3.27
3.29
6
7
8
9
10
11
12
13
14
15
16
17
18
V
IN (V)
forced PWM 0 A
forced PWM 4.5 A
auto PSM-PWM 0 A
C016
4.77
4.79
4.81
4.83
4.85
4.87
4.89
4.91
4.93
6
7
8
9
10
11
12
13
14
15
16
17
18
V
IN (V)
forced PWM 0 A
forced PWM 4.5 A
auto PSM-PWM 0 A
C017
0.75
0.76
0.77
0.78
0.79
0.8
0.81
0.82
6
7
8
9
10
11
12
13
14
15
16
17
18
V
IN (V)
forced PWM 0 A
forced PWM 4.5 A
auto PSM-PWM 0 A
C014
1.75
1.76
1.77
1.78
1.79
1.8
1.81
1.82
6
7
8
9
10
11
12
13
14
15
16
17
18
V
IN (V)
forced PWM 0 A
forced PWM 4.5 A
auto PSM-PWM 0 A
C015
TPS65276V
SLVSBW0B – FEBRUARY 2013 – REVISED JANUARY 2014
www.ti.com
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, VIN = 12 V, fSW = 625 kHz (unless otherwise noted)
Figure 14. 0.8-V Line Regulation
Figure 15. 1.8-V Line Regulation
VOUT = 0.8 V
VOUT = 1.8 V
Figure 16. 3.3-V Line Regulation
Figure 17. 5-V Line Regulation
VOUT = 3.3 V
VOUT = 5 V
Figure 18. Output Ripple at 0 A, Forced PWM
Figure 19. Output Ripple at 3.5 A, Forced PWM
14
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPS65276V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com