Electronic Components Datasheet Search
  English  ▼

X  

TPS65276VRHHT Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65276VRHHT
Description  4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65276VRHHT Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS65276VRHHT Datasheet HTML 21Page - Texas Instruments TPS65276VRHHT Datasheet HTML 22Page - Texas Instruments TPS65276VRHHT Datasheet HTML 23Page - Texas Instruments TPS65276VRHHT Datasheet HTML 24Page - Texas Instruments TPS65276VRHHT Datasheet HTML 25Page - Texas Instruments TPS65276VRHHT Datasheet HTML 26Page - Texas Instruments TPS65276VRHHT Datasheet HTML 27Page - Texas Instruments TPS65276VRHHT Datasheet HTML 28Page - Texas Instruments TPS65276VRHHT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
out max
in
in
sw
I
0.25
V
C
f
×
D
=
×
(
)
inmin
out
out
inrms
out
inmin
inmin
V
V
V
I
I
V
V
-
=
×
×
out
inmax
out
corms
inmax
sw
V
(V
V
)
I
12 V
L f
×
-
=
×
× ×
oripple
esr
oripple
V
R
I
<
o
oripple
sw
oripple
1
1
C
V
8 f
I
>
×
×
TPS65276V
www.ti.com
SLVSBW0B – FEBRUARY 2013 – REVISED JANUARY 2014
Equation 11 calculates the minimum output capacitance needed to meet the output voltage ripple specification.
Where fSW is the switching frequency, Voripple is the maximum allowable output voltage ripple, and Ioripple is the
inductor ripple current.
(11)
Equation 12 calculates the maximum ESR an output capacitor can have to meet the output voltage ripple
specification.
(12)
Additional capacitance de-ratings for aging, temperature and DC bias should be factored in which increases this
minimum value.
Capacitors generally have limits to the amount of ripple current they can handle without failing or producing
excess heat. An output capacitor that can support the inductor ripple current must be specified. Some capacitor
data sheets specify the root mean square (RMS) value of the maximum ripple current. Equation 13 can be used
to calculate the RMS ripple current the output capacitor needs to support.
(13)
Input Capacitor Selection
The TPS65276V requires a high quality ceramic, type X5R or X7R, input decoupling capacitor of at least 10-µF
of effective capacitance on the PVIN input voltage pins. In some applications additional bulk capacitance may
also be required for the PVIN input. The effective capacitance includes any DC bias effects. The voltage rating of
the input capacitor must be greater than the maximum input voltage. The capacitor must also have a ripple
current rating greater than the maximum input current ripple of the TPS65276V. The input ripple current can be
calculated using Equation 14.
(14)
The value of a ceramic capacitor varies significantly over temperature and the amount of DC bias applied to the
capacitor. The capacitance variations due to temperature can be minimized by selecting a dielectric material that
is stable over temperature. X5R and X7R ceramic dielectrics are usually selected for power regulator capacitors
because they have a high capacitance to volume ratio and are fairly stable over temperature. The output
capacitor must also be selected with the DC bias taken into account. The capacitance value of a capacitor
decreases as the DC bias across a capacitor increases. For this example design, a ceramic capacitor with at
least a 25-V voltage rating is required to support the maximum input voltage. TPS65276V may operate from a
single supply. The input capacitance value determines the input ripple voltage of the regulator. The input voltage
ripple can be calculated using Equation 15.
(15)
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: TPS65276V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com