Electronic Components Datasheet Search
  English  ▼

X  

TPS65276VRHHT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65276VRHHT
Description  4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65276VRHHT Datasheet(HTML) 1 Page - Texas Instruments

  TPS65276VRHHT Datasheet HTML 1Page - Texas Instruments TPS65276VRHHT Datasheet HTML 2Page - Texas Instruments TPS65276VRHHT Datasheet HTML 3Page - Texas Instruments TPS65276VRHHT Datasheet HTML 4Page - Texas Instruments TPS65276VRHHT Datasheet HTML 5Page - Texas Instruments TPS65276VRHHT Datasheet HTML 6Page - Texas Instruments TPS65276VRHHT Datasheet HTML 7Page - Texas Instruments TPS65276VRHHT Datasheet HTML 8Page - Texas Instruments TPS65276VRHHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
TPS65276V
www.ti.com
SLVSBW0B – FEBRUARY 2013 – REVISED JANUARY 2014
4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN
CONVERTER WITH I2C CONTROLLED VID
Check for Samples: TPS65276V
1
FEATURES
•
4.5-V to 18-V Wide Input Voltage Range
•
Peak Current-Mode Control with Simple
Compensation Circuit
•
I2C Controlled 7-Bits VID Programmable
Output Voltage from 0.68 V to 1.95 V with
•
Cycle-by-Cycle Over Current Protection
10-mV Steps for Each Buck; Output Voltage
•
180° Out-of-Phase Operation to Reduce Input
Can Also be Set By Resistor Divider
Capacitance and Power Supply Induced Noise
•
Programmable Slew Rate Control for Output
•
Over Temperature Protection
Voltage Transition
•
Available in 32-Pin Thermally Enhanced
•
Up to 6-A Maximum Continuous Output
HTSSOP (DAP) and 36-Pin QFN 6-mm x 6-mm
Current in Buck 1 and 3.5-A in Buck 2
(RHH) Packages
•
I2C Compatible Interface With Standard Mode
(100 kHz) and Fast Mode (400 kHz)
APPLICATIONS
•
I2C Read Back Power Good Status and Die
•
DTV
Temperature Warning
•
TCON
•
Pulse Skipping Mode to Achieve High
•
BDVD
Efficiency in Light Load
•
Set Top Boxes
•
Adjustable Switching Frequency
•
Tablet PC
200 kHz - 1.6 MHz Set by External Resistor
•
Dedicated Enable and Soft-Start for Each Buck
DESCRIPTION/ORDERING INFORMATION
TPS65276V is a monolithic dual synchronous buck converter with wide 4.5V to 18V operating input voltage
range that encompassed most intermediate bus voltage operating off 5-, 9-, 12- or 15-V power bus or battery.
The converter with constant frequency peak current mode control is designed to simplify its application while
giving the designers options to optimize their usage according to the target applications.
Each buck converter in TPS65276V has external feedback resistors that can be used for setting the initial start
up voltage. The feedback voltage reference for this start-up option is 0.6 V. Once the VID DAC is updated via the
I2C, the buck converter switches feedback resistors from external to internal. The output voltage in each buck
can be programmable from 0.68 V to 1.95 V in 10-mV steps with I2C Controlled 7-Bits VID.
Each buck converter in TPS65276V can also be I2C controlled for enabling/disabling output voltage, setting the
pulse skipping mode and reading the power good status and die temperature warning.
The switching frequency of the converters can be set from 200 kHz to 1.6 MHz with an external resistor. Two
converters have clock signal with 180° out-of-phase.
TPS65276V features dedicated enable pin when I2C interface is not used. Independent soft-start pin provides
flexibility in power up programmability. Constant frequency peak current mode control simplifies the
compensation and provides fast transient response. Cycle-by-cycle over current protection and hiccup mode
operation limit MOSFET power dissipation in short circuit or over loading fault conditions. Low side reverse over
current protection also prevents excessive sinking current from damaging the converter.
TPS65273V also features a light load pulse skipping mode (PSM) that can be controlled by I2C or MODE pin
configuration. The PSM mode allows a power loss reduction on the input power supplied to the system to
achieve high efficiency at light loading.
The TPS65273V is available in a 32-pin thermally enhanced HTSSOP (DAP) package and 36-pin QFN
6-mm x 6-mm (RHH) package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS65276VRHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65276VRHHT TI2-TPS65276VRHHT Datasheet
2Mb / 46P
4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
REVISED JANUARY 2014
TPS65276VRHHT.A TI2-TPS65276VRHHT.A Datasheet
2Mb / 46P
4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
REVISED JANUARY 2014
TPS65276VRHHTG4 TI2-TPS65276VRHHTG4 Datasheet
2Mb / 46P
4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
REVISED JANUARY 2014
TPS65276VRHHTG4.A TI2-TPS65276VRHHTG4.A Datasheet
2Mb / 46P
4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
REVISED JANUARY 2014
More results

Similar Description - TPS65276VRHHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65276V TI-TPS65276V Datasheet
1Mb / 42P
4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
TPS65279V TI-TPS65279V Datasheet
1Mb / 43P
4.5-V TO 18-V INPUT VOLTAGE, 5-A/5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
TPS65273V TI-TPS65273V_15 Datasheet
1Mb / 46P
4.5-V TO 18-V INPUT VOLTAGE, 3.5-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
TPS65276 TI-TPS65276_15 Datasheet
734Kb / 33P
4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER
TPS65279V TI-TPS65279V_15 Datasheet
1Mb / 46P
4.5-V TO 18-V INPUT VOLTAGE, 5-A/5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
TPS563900 TI-TPS563900_15 Datasheet
1Mb / 34P
4.5-V To 18-V Input Voltage, 3.5-A/3.5-A Dual Synchronous Step-Down Converter With I2C Controlled VID
TPS566250 TI-TPS566250_15 Datasheet
1Mb / 32P
TPS566250 4.5-V to 17-V Input, 6-A Synchronous Step-Down Converter With VID Control
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
4.5-V to 18-V input, 6-A synchronous step-down converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com