Electronic Components Datasheet Search
  English  ▼

X  

TPS65276VRHHT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65276VRHHT
Description  4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65276VRHHT Datasheet(HTML) 3 Page - Texas Instruments

  TPS65276VRHHT Datasheet HTML 1Page - Texas Instruments TPS65276VRHHT Datasheet HTML 2Page - Texas Instruments TPS65276VRHHT Datasheet HTML 3Page - Texas Instruments TPS65276VRHHT Datasheet HTML 4Page - Texas Instruments TPS65276VRHHT Datasheet HTML 5Page - Texas Instruments TPS65276VRHHT Datasheet HTML 6Page - Texas Instruments TPS65276VRHHT Datasheet HTML 7Page - Texas Instruments TPS65276VRHHT Datasheet HTML 8Page - Texas Instruments TPS65276VRHHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
EN1
PGND2
PGND2
PVIN2
PVIN2
ADDR
MODE
V7V
VIN
PVIN1
EN2
PVIN1
FB2
VOUT2
BST2
LX2
LX2
SS2
COMP2
AGND
ROSC
COMP1
SS1
LX1
PGND1
PGND1
LX1
BST1
1
2
3
5
6
7
8
9
10
11
12
13
14
28
29
30
31
32
21
22
23
24
25
26
27
19
20
L1
4.7uH
C19
47nF
VOUT 1=0.68V~1.95V
Res . = 10mV
Max. Io1=6A
Power Ground
Analog Ground
C22
C9
1uF
R16
10K
R15
10K
C14
10uF
DVCC
SCL
SDA
R23
C23
VIN
4.5V~18V
VOUT1
FB1
17
18
SDA
SCL
15
16
Power Pad
4
C20
5x22uF
R17
R18
C18
C3
10uF
R2
100K
R1
100K
L2
4. 7uH
C30
47nF
VOUT 2=0.68V~1.95V
Res . = 10mV
Max. Io1=3.5A
C27
C29
5x22uF
R32
R31
C31
C26
R26
R24
33
TPS65276V
www.ti.com
SLVSBW0B – FEBRUARY 2013 – REVISED JANUARY 2014
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
TYPICAL APPLICATION
Figure 1. Dual Mode Operation to Deliver 6 A at Buck 1 and 3.5 A at Buck 2
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS65276V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com