Electronic Components Datasheet Search
  English  ▼

X  

TPS65276VRHHT Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65276VRHHT
Description  4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65276VRHHT Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS65276VRHHT Datasheet HTML 19Page - Texas Instruments TPS65276VRHHT Datasheet HTML 20Page - Texas Instruments TPS65276VRHHT Datasheet HTML 21Page - Texas Instruments TPS65276VRHHT Datasheet HTML 22Page - Texas Instruments TPS65276VRHHT Datasheet HTML 23Page - Texas Instruments TPS65276VRHHT Datasheet HTML 24Page - Texas Instruments TPS65276VRHHT Datasheet HTML 25Page - Texas Instruments TPS65276VRHHT Datasheet HTML 26Page - Texas Instruments TPS65276VRHHT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
TPS65276V
www.ti.com
SLVSBW0B – FEBRUARY 2013 – REVISED JANUARY 2014
High-Side MOSFET Over Current Protection
The device implements current mode control which uses the COMP pin voltage to control the turn off of the high-
side MOSFET and the turn on of the low-side MOSFET on a cycle by cycle basis. Each cycle the switch current
and the current reference generated by the COMP pin voltage are compared, when the peak switch current
intersects the current reference the high-side switch is turned off.
Low-Side MOSFET Over Current Protection
While the low-side MOSFET is turned on its conduction current is monitored by the internal circuitry. During
normal operation the low-side MOSFET sources current to the load. At the end of every clock cycle, the low-side
MOSFET sourcing current is compared to the internally set low-side sourcing current limit. If the low-side
sourcing current is exceeded, the high-side MOSFET is not turned on and the low-side MOSFET stays on for the
next cycle. The high-side MOSFET is turned on again when the low-side current is below the low-side sourcing
current limit at the start of a cycle.
The low-side MOSFET may also sink current from the load. If the low-side sinking current limit is exceeded the
low-side MOSFET is turned off immediately for the rest of that clock cycle. In this scenario both MOSFETs are
off until the start of the next cycle.
Furthermore, if an output overload condition (as measured by the COMP pin voltage) has lasted for more than
the hiccup wait time which is programmed for 512 switching cycles, the device will shut down itself and restart
after the hiccup time of 16384 cycles. The hiccup mode helps to reduce the device power dissipation under
severe overcurrent conditions.
Thermal Shutdown
The internal thermal shutdown circuitry forces the device to stop switching if the junction temperature exceeds
160°C typically. Once the junction temperature drops below 140°C typically, the internal thermal hiccup timer will
start to count. The device reinitiates the power up sequence after the built-in thermal shutdown hiccup time
(16384 cycles) is over.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: TPS65276V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com