Electronic Components Datasheet Search
  English  ▼

X  

TPS65276VRHHT Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65276VRHHT
Description  4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65276VRHHT Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS65276VRHHT Datasheet HTML 22Page - Texas Instruments TPS65276VRHHT Datasheet HTML 23Page - Texas Instruments TPS65276VRHHT Datasheet HTML 24Page - Texas Instruments TPS65276VRHHT Datasheet HTML 25Page - Texas Instruments TPS65276VRHHT Datasheet HTML 26Page - Texas Instruments TPS65276VRHHT Datasheet HTML 27Page - Texas Instruments TPS65276VRHHT Datasheet HTML 28Page - Texas Instruments TPS65276VRHHT Datasheet HTML 29Page - Texas Instruments TPS65276VRHHT Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
Current Sense
I/V Converter
V
V
ref
6
.
0
L
i
ESR
R
1
R
2
R
c
R
o
C
c
C
b
C
L
R
µs
g
M
1350
COMP
VFB
EA
1
C
VOUT
V
A
g
mps
/
10
=
=
=
ESR
b
C
R
Co
C
R
×
=
L
C
C
R
Co
C
R
×
=
O
L
1
(fp
) s
C
R
2
=
×
×
× p
2
C
M
ps
fc Vo Co
R
g
Vref gm
p ×
×
×
=
×
×
TPS65276V
SLVSBW0B – FEBRUARY 2013 – REVISED JANUARY 2014
www.ti.com
Loop Compensation
Integrated buck DC/DC converter in TPS65276V incorporates a peak current mode control scheme. The error
amplifier is a transconductance amplifier with a gain of 1350 µA/V. A typical type II compensation circuit
adequately delivers a phase margin between 60° and 90°. Cb adds a high frequency pole to attenuate high
frequency noise when needed. To calculate the external compensation components, follow the following steps.
1. Select switching frequency fsw that is appropriate for application depending on L and C sizes, output ripple,
EMI, and etc. Switching frequency between 500 kHz to 1 MHz gives best trade off between performance and
cost. To optimize efficiency, lower switching frequency is desired.
2. Set up cross over frequency, fc, which is typically between 1/5 and 1/20 of fsw.
3. RC can be determined by:
Where is the error amplifier gain (1350 µA/V) is the power stage voltage to current conversion gain (10 A/V).
4. Calculate CC by placing a compensation zero at or before the dominant pole:
(16)
(17)
5. Optional Cb can be used to cancel the zero from the ESR associated with CO.
(18)
Figure 36. DC/DC Loop Compensation
26
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPS65276V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com