Electronic Components Datasheet Search
  English  ▼

X  

TPS70102PWPR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70102PWPR
Description  Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70102PWPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS70102PWPR Datasheet HTML 28Page - Texas Instruments TPS70102PWPR Datasheet HTML 29Page - Texas Instruments TPS70102PWPR Datasheet HTML 30Page - Texas Instruments TPS70102PWPR Datasheet HTML 31Page - Texas Instruments TPS70102PWPR Datasheet HTML 32Page - Texas Instruments TPS70102PWPR Datasheet HTML 33Page - Texas Instruments TPS70102PWPR Datasheet HTML 34Page - Texas Instruments TPS70102PWPR Datasheet HTML 35Page - Texas Instruments TPS70102PWPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
ESR 1
ESR 2
ESR 3
3
1
2
t1
t2
IO
VO
R1 +
V
O
V
ref
*1
R2
TPS70145, TPS70148
TPS70151, TPS70158
TPS70102
SLVS222I – DECEMBER 1999 – REVISED AUGUST 2010
www.ti.com
Figure 49. Correlation of Different ESRs and Their Influence on the Regulation of VO at a Load Step from
Low-to-High Output Current
Figure 49 also shows the impact of different ESRs on the output voltage. The left brackets show different levels
of ESRs where number 1 displays the lowest and number 3 displays the highest ESR.
From above, the following conclusions can be drawn:
•
The higher the ESR, the larger the droop at the beginning of load transient.
•
The smaller the output capacitor, the faster the discharge time and the greater the voltage droop during the
LDO response period.
Conclusion
To minimize the transient output droop, capacitors must have a low ESR and be large enough to support the
minimum output voltage requirement.
Programming the TPS70102 Adjustable LDO Converter
The output voltage of the TPS70102 adjustable regulators are programmed using external resistor dividers as
shown in Figure 50.
Resistors R1 and R2 should be chosen for approximately 50mA divider current. Lower value resistors can be
used, but offer no inherent advantage and waste more power. Higher values should be avoided as leakage
currents at the sense terminal increase the output voltage error. The recommended design procedure is to
choose R2 = 30.1k
Ω to set the divider current at approximately 50mA, and then calculate R1 using Equation 1:
(1)
where:
•
VREF = 1.224V typ (the internal reference voltage)
32
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com