Electronic Components Datasheet Search
  English  ▼

X  

TPS70102PWPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70102PWPR
Description  Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70102PWPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS70102PWPR Datasheet HTML 12Page - Texas Instruments TPS70102PWPR Datasheet HTML 13Page - Texas Instruments TPS70102PWPR Datasheet HTML 14Page - Texas Instruments TPS70102PWPR Datasheet HTML 15Page - Texas Instruments TPS70102PWPR Datasheet HTML 16Page - Texas Instruments TPS70102PWPR Datasheet HTML 17Page - Texas Instruments TPS70102PWPR Datasheet HTML 18Page - Texas Instruments TPS70102PWPR Datasheet HTML 19Page - Texas Instruments TPS70102PWPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
0.01
0.1
1
10
100
1 k
10 k
100 k
f − Frequency − Hz
VIN2 = 2.8 V
VOUT2 = 1.8 V
IO = 250 mA
0.01
0.1
1
10
100
1 k
10 k
100 k
f − Frequency − Hz
VIN2 = 2.8 V
VOUT2 = 1.8 V
IO = 10 mA
CO =33 mF
IO =500mA
VO =3.3 V
TA =25 C
°
10
100
1k
10 k
10
f-Frequency-Hz
100
100 k
1M
10 M
1
0.1
0.01
CO =33 mF
IO =10mA
VO =3.3 V
TA =25 C
°
10
100
1k
10 k
10
f-Frequency-Hz
100
100 k
1M
10 M
1
0.1
0.01
TPS70145, TPS70148
TPS70151, TPS70158
TPS70102
SLVS222I – DECEMBER 1999 – REVISED AUGUST 2010
www.ti.com
OUTPUT SPECTRAL NOISE DENSITY
OUTPUT SPECTRAL NOISE DENSITY
vs
vs
FREQUENCY
FREQUENCY
Figure 15.
Figure 16.
OUTPUT IMPEDANCE
OUTPUT IMPEDANCE
vs
vs
FREQUENCY
FREQUENCY
Figure 17.
Figure 18.
16
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com