Electronic Components Datasheet Search
  English  ▼

X  

TPS70102PWPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70102PWPR
Description  Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70102PWPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS70102PWPR Datasheet HTML 10Page - Texas Instruments TPS70102PWPR Datasheet HTML 11Page - Texas Instruments TPS70102PWPR Datasheet HTML 12Page - Texas Instruments TPS70102PWPR Datasheet HTML 13Page - Texas Instruments TPS70102PWPR Datasheet HTML 14Page - Texas Instruments TPS70102PWPR Datasheet HTML 15Page - Texas Instruments TPS70102PWPR Datasheet HTML 16Page - Texas Instruments TPS70102PWPR Datasheet HTML 17Page - Texas Instruments TPS70102PWPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
1.790
1.791
1.792
1.793
1.794
1.795
1.796
1.797
1.798
1.799
T − Temperature −
°C
−40 −25 −10
5
20
35
50 65
80
95 110 125
VIN2 = 2.8 V
IO = 250 mA
VOUT2
150
160
170
180
−40 −25 −10
5
20
35
50 65
80
TJ − Junction Temperature − °C
95 110 125
190
200
210
Regulator 1 and Regulator 2
IOUT1 = 1 mA
IOUT2 = 1 mA
IOUT1 = 250 mA
IOUT2 = 500 mA
IO = 10 mA
CO = 22 µF
VOUT1
−60
−80
−90
10
100
1 k
10 k
−40
−20
−10
100 k
1 M
−30
−50
−70
f − Frequency − Hz
−40
−60
−70
−90
10
100
1 k
10 k
−20
0
10
100 k
1 M
−10
−30
−50
−80
IO = 500 mA
CO = 22 µF
VOUT1
f − Frequency − Hz
TPS70145, TPS70148
TPS70151, TPS70158
TPS70102
SLVS222I – DECEMBER 1999 – REVISED AUGUST 2010
www.ti.com
TPS70151
OUTPUT VOLTAGE
GROUND CURRENT
vs
vs
TEMPERATURE
JUNCTION TEMPERATURE
Figure 7.
Figure 8.
TPS70151
TPS70151
POWER-SUPPLY REJECTION RATIO
POWER-SUPPLY REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 9.
Figure 10.
14
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com