Electronic Components Datasheet Search
  English  ▼

X  

TPS70102PWPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70102PWPR
Description  Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70102PWPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPS70102PWPR Datasheet HTML 29Page - Texas Instruments TPS70102PWPR Datasheet HTML 30Page - Texas Instruments TPS70102PWPR Datasheet HTML 31Page - Texas Instruments TPS70102PWPR Datasheet HTML 32Page - Texas Instruments TPS70102PWPR Datasheet HTML 33Page - Texas Instruments TPS70102PWPR Datasheet HTML 34Page - Texas Instruments TPS70102PWPR Datasheet HTML 35Page - Texas Instruments TPS70102PWPR Datasheet HTML 36Page - Texas Instruments TPS70102PWPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
OUTPUTVOLTAGE
PROGRAMMINGGUIDE
VO
VI
OUT
FB
R1
R2
GND
EN
IN
<0.7V
>2.0 V
TPS70102
0.1 mF
+
OUTPUT
VOLTAGE
R1
R2
2.5V
3.3V
3.6V
UNIT
31.6
51.1
59.0
30.1
30.1
30.1
kW
kW
kW
P
D(max)
+
T
J max
*TA
R
q
JA
P
D
+ VI*VO
I
O
TPS70145, TPS70148
TPS70151, TPS70158
TPS70102
www.ti.com
SLVS222I – DECEMBER 1999 – REVISED AUGUST 2010
Figure 50. TPS70102 Adjustable LDO Regulator Programming
Regulator Protection
Both TPS701xx PMOS-pass transistors have built-in back diodes that conduct reverse currents when the input
voltage drops below the output voltage (for example, during power-down). Current is conducted from the output
to the input and is not internally limited. When extended reverse voltage is anticipated, external limiting may be
appropriate.
The TPS701xx also features internal current limiting and thermal protection. During normal operation, the
TPS701xx regulator 1 limits output current to approximately 1.6A (typ) and regulator 2 limits output current to
approximately 750mA (typ). When current limiting engages, the output voltage scales back linearly until the
overcurrent condition ends. While current limiting is designed to prevent gross device failure, care should be
taken not to exceed the power dissipation ratings of the package. If the temperature of the device exceeds
+150°C (typ), thermal-protection circuitry shuts it down. Once the device has cooled below +130°C (typ),
regulator operation resumes.
Power Dissipation and Junction Temperature
Specified regulator operation is assured to a junction temperature of +125°C; the maximum junction temperature
should be restricted to +125°C under normal operating conditions. This restriction limits the power dissipation the
regulator can handle in any given application. To ensure the junction temperature is within acceptable limits,
calculate the maximum allowable dissipation, PD(max), and the actual dissipation, PD, which must be less than or
equal to PD(max).
The maximum-power-dissipation limit is determined using Equation 2:
(2)
where:
•
TJmax is the maximum allowable junction temperature
•
RqJA is the thermal resistance junction-to-ambient for the package; that is, 32.6°C/W for the 20-terminal PWP
with no airflow
•
TA is the ambient temperature
The regulator dissipation is calculated using Equation 3:
(3)
Power dissipation resulting from quiescent current is negligible. Excessive power dissipation will trigger the
thermal protection circuit.
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com