Electronic Components Datasheet Search
  English  ▼

X  

TPS70102PWPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70102PWPR
Description  Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70102PWPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS70102PWPR Datasheet HTML 19Page - Texas Instruments TPS70102PWPR Datasheet HTML 20Page - Texas Instruments TPS70102PWPR Datasheet HTML 21Page - Texas Instruments TPS70102PWPR Datasheet HTML 22Page - Texas Instruments TPS70102PWPR Datasheet HTML 23Page - Texas Instruments TPS70102PWPR Datasheet HTML 24Page - Texas Instruments TPS70102PWPR Datasheet HTML 25Page - Texas Instruments TPS70102PWPR Datasheet HTML 26Page - Texas Instruments TPS70102PWPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
VOUT2
VIN1
VIN2
EN
SEQ
VOUT1
VSENSE1
PG1
MR2
RESET
MR1
VSENSE2
VOUT2
TPS701xxPWP
(Fixed Output Option)
VI
VOUT1
MR1
0.1
µF
RESET
10
µF
10
µF
0.1
µF
MR2
EN
>2 V
<0.7 V
250 k
Ω
83%
95%
120ms
EN
VOUT2
VOUT1
PG1
MR1
MR2
(MR2 tied to PG1)
RESET
SEQ
95%
83%
NOTE A: t1 − Time at which both VOUT1 and VOUT2 are greater than the PG1 thresholds and MR1 is logic high.
t1
(see Note A)
TPS70145, TPS70148
TPS70151, TPS70158
TPS70102
www.ti.com
SLVS222I – DECEMBER 1999 – REVISED AUGUST 2010
APPLICATION INFORMATION
Sequencing Timing Diagrams
This section provides a number of timing diagrams
showing
how
this
device
functions
in
different
configurations.
Application condition: MR2 is tied to PG1, VIN1 and
VIN2 are tied to the same input voltage, the SEQ pin
is tied to logic low and the device is toggled with the
enable (EN) function.
When the device is enabled (EN is pulled low), VOUT1
turns on first and VOUT2 remains off until VOUT1
reaches approximately 83% of its regulated output
voltage. At that time, VOUT2 is turned on. When VOUT1
reaches 95% of its regulated output, PG1 turns on
(active high). Since MR2 is connected to PG1 for this
application, it follows PG1. When VOUT2 reaches 95%
of its regulated voltage, RESET switches to high
voltage level after a 120ms delay (see Figure 40).
Figure 40. Timing when SEQ = Low
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com