Electronic Components Datasheet Search
  English  ▼

X  

TPS70102PWPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70102PWPR
Description  Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70102PWPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPS70102PWPR Datasheet HTML 23Page - Texas Instruments TPS70102PWPR Datasheet HTML 24Page - Texas Instruments TPS70102PWPR Datasheet HTML 25Page - Texas Instruments TPS70102PWPR Datasheet HTML 26Page - Texas Instruments TPS70102PWPR Datasheet HTML 27Page - Texas Instruments TPS70102PWPR Datasheet HTML 28Page - Texas Instruments TPS70102PWPR Datasheet HTML 29Page - Texas Instruments TPS70102PWPR Datasheet HTML 30Page - Texas Instruments TPS70102PWPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
RESET
VOUT2
VIN1
VIN2
EN
SEQ
VOUT1
VSENSE1
PG1
MR2
RESET
MR1
VSENSE2
VOUT2
VI
VOUT1
MR1
0.1
µF
10
µF
10
µF
0.1
µF
MR2
EN
TPS701xxPWP
(Fixed Output Option)
>2 V
<0.7 V
83%
95%
83%
95%
120ms
ENABLE
VOUT2
VOUT1
PG1
MR1
MR2
(MR2 tied to PG1)
RESET
SEQUENCE
NOTE A: t1 − Time at which both VOUT1 and VOUT2 are greater than the PG1 thresholds and MR1 is logic high.
t1
(see Note A)
VOUT2 faults out
TPS70145, TPS70148
TPS70151, TPS70158
TPS70102
www.ti.com
SLVS222I – DECEMBER 1999 – REVISED AUGUST 2010
Application condition: MR2 is tied to PG1, VIN1 and
VIN2 are tied to same input voltage, the SEQ is tied to
logic high, the device is enabled, and VOUT2 faults
out.
VOUT2 begins to power up when the device is enabled
(EN is pulled low). When VOUT2 reaches 83% of its
regulated voltage, VOUT1 begins to power up. When
VOUT1 reaches 95% of its regulated voltage, PG1
turns on and RESET switches to high voltage level
after a 120ms delay. When VOUT2 faults out, VOUT1 is
powered down because SEQ is high. PG1 is tied to
MR2 and both change state to logic low. RESET
goes low when VOUT2 faults out (see Figure 44).
Figure 44. Timing when VOUT2 Faults Out
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com